Electronic Components Datasheet Search
  English  ▼

X  

MOC8021 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MOC8021
Description  Optocoupler, Photodarlington Output, High Gain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MOC8021 Datasheet(HTML) 3 Page - Vishay Siliconix

  MOC8021 Datasheet HTML 1Page - Vishay Siliconix MOC8021 Datasheet HTML 2Page - Vishay Siliconix MOC8021 Datasheet HTML 3Page - Vishay Siliconix MOC8021 Datasheet HTML 4Page - Vishay Siliconix MOC8021 Datasheet HTML 5Page - Vishay Siliconix MOC8021 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IL55B/ 56B/ MOC8021
Document Number 83637
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Coupler
Current Transfer Ratio
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Coupling capacitance
CC
1.5
pF
Collector-emitter saturation
voltage
IC = 2.0 mA, IF = 1.0 mA
VCE(sat)
1.0
V
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Current Transfer Ratio
IF = 10 mA, IF = 0
IL55B
CTR
500
%
IL56B
CTR
1000
%
MOC8021
CTR
1000
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn-on time
VCC = 10 V
tON
5.0
µs
Turn-off time
IF = 5.0 mA, RL = 100 Ω
tOFF
100
µs
Figure 1. Forward Voltage vs. Forward Current
iil55b_01
IF - Forward Current - mA
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1. 3
1.4
Ta = –55°C
Ta = 25°C
Ta = 85°C
Figure 2. Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
iil55b_02
.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Vce =1V
Vce=5V
IF - LED Current - mA
Vce=5V
IF =10mA
Normalized to:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com