Electronic Components Datasheet Search
  English  ▼

X  

MOC8021 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MOC8021
Description  Optocoupler, Photodarlington Output, High Gain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MOC8021 Datasheet(HTML) 4 Page - Vishay Siliconix

  MOC8021 Datasheet HTML 1Page - Vishay Siliconix MOC8021 Datasheet HTML 2Page - Vishay Siliconix MOC8021 Datasheet HTML 3Page - Vishay Siliconix MOC8021 Datasheet HTML 4Page - Vishay Siliconix MOC8021 Datasheet HTML 5Page - Vishay Siliconix MOC8021 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 83637
Rev. 1.5, 26-Oct-04
IL55B/ 56B/ MOC8021
Vishay Semiconductors
Figure 3. Normalized Non-Saturated and Saturated Collector-
Emitter Current vs. LED Current
Figure 4. Low to High Propagation Delay vs. Collector Load
Resistance and LED Current
Figure 5. High to low Propagation Delay vs. Collector Load
Resistance and LED Current
iil55b_03
100
1
.1
.001
.01
.1
1
10
Vce=1V
Vce=5V
IF - LED Current - mA
IF =10mA
Vce=5V
Normalized to:
10
iil55b_04
0
5
10
15
20
0
20
40
60
80
VCC =5V
Vth = 1.5 V
220
Ω
ıˇ
470
Ω
IF - LED Current - mA
100
Ω
1.0 k
Ω
iil55b_05
0
5
10
15
20
0
5
10
15
20
100
Ω
1k
Ω
IF - LED Current - mA
VCC =5V
Vth = 1.5 V
Figure 6. Switching Waveform
Figure 7. Switching Schematic
iil55b_06
VO
IF
tS
tR
tF
tD
VTH=1.5 V
tPHL
tPLH
iil55b_07
VO
RL
VCC =13.5 V
IF=50 mA
F=10 KHz,
DF=50%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com