Electronic Components Datasheet Search
  English  ▼

X  

TL1464 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL1464
Description  QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1464 Datasheet(HTML) 5 Page - Texas Instruments

  TL1464 Datasheet HTML 1Page - Texas Instruments TL1464 Datasheet HTML 2Page - Texas Instruments TL1464 Datasheet HTML 3Page - Texas Instruments TL1464 Datasheet HTML 4Page - Texas Instruments TL1464 Datasheet HTML 5Page - Texas Instruments TL1464 Datasheet HTML 6Page - Texas Instruments TL1464 Datasheet HTML 7Page - Texas Instruments TL1464 Datasheet HTML 8Page - Texas Instruments TL1464 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TL1464I
QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS266 – FEBRUARY 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
STANDBY
21
Output-1 to 4 control pin. Input L level voltage (0.4 V max). All outputs function and VREF are shutdown.
STANDBY-2
20
Output-2 control pin. Input L level voltage (0.4 V max), output-2 function is shutdown.
STANDBY-3
19
Output-3 control pin. Input L level voltage (0.4 V max), output-3 function is shutdown.
STANDBY-4
18
Output-4 control pin. Input L level voltage (0.4 V max), output-4 function is shutdown.
VCC
12
Power supply pin
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
13 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Amplifier input voltage, VIC
13 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
13 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current (sink), I(SINK)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current (source), ISOURCE
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation at (or below) 25
°C free-air temperature (unit), PD
695 mW
. . . . . . . . . . . . . . . . . .
Continuous total dissipation at (or below) 25
°C free-air temperature (using board), PD
(see Note 2)
1315 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–20
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage4 value are with respect to network ground terminal.
2. Using t1.6
× 50 × 50 mm glass epoxy resin.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3.1
12
V
Amplifier input voltage VIC
CH-1,2
–0.1
VCC–1.8
V
Amplifier input voltage, VIC
CH-3,4
0
VCC–1.8
V
Standby input voltage VI (pins 18 19 20 21)
H level
2.4
VCC
V
Standby input voltage, VI (pins 18, 19. 20. 21)
L level
0.4
V
Output voltage, VO
12
V
Current into feedback terminal, I(CAMP)
–45
µA
Feedback resistor, R(NF)
100
k
Ω
Boot-strap capacitor, C(BOOT)
100
500
pF
Bias resistor, R(BIAS)
1.2
20
Bias capacitor, C(BIAS)
30
200
pF
Timing resistor, R(T)
7
50
k
Ω
Timing capacitor, C(T)
68
1000
pF
Oscillation frequency, f(OSC)
0.05
2
MHz
Operating free-air temperature, TA
–20
75
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com