Electronic Components Datasheet Search
  English  ▼

X  

TL1464 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL1464
Description  QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1464 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL1464 Datasheet HTML 3Page - Texas Instruments TL1464 Datasheet HTML 4Page - Texas Instruments TL1464 Datasheet HTML 5Page - Texas Instruments TL1464 Datasheet HTML 6Page - Texas Instruments TL1464 Datasheet HTML 7Page - Texas Instruments TL1464 Datasheet HTML 8Page - Texas Instruments TL1464 Datasheet HTML 9Page - Texas Instruments TL1464 Datasheet HTML 10Page - Texas Instruments TL1464 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TL1464I
QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS266 – FEBRUARY 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V, f =
1 MHz (unless otherwise noted) (continued)
dead-time control section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(Idt)
Input current
–1
–4
µA
I(dt)
Latched mode sink current
TA = 25°C
0.3
1
2
mA
V(dt)
Latched input voltage
I(dt) = 100 µA
0.5
V
VIO
Input threshold voltage
Zero duty cycle
0.6
0.7
0.8
V
V(tt00)
In ut threshold voltage
100% duty cycle
1.3
1.4
1.5
V
error-amplifier section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 1 V
±10
mV
IIO
Input offset current
VO = 1 V
±100
nA
IIB
Input bias current
VO = 1 V
–200
–500
nA
VICR
Common mode input voltage
CH-1,2
VCC =3 1V 12 V
–0.1 to
VCC–1.8
V
VICR
Common-mode input voltage
CH-3,4
VCC = 3.1 V ~ 12 V
0 to
VCC–1.8
V
A(v)
Open-loop voltage amplification
RI = 200 kΩ
60
75
dB
B1
Unity-gain bandwidth
6
MHz
CMRR
Common-mode rejection ratio
VIC = –0.1 V ~ VCC – 1.8 V
60
80
dB
VOM+
Maximum output voltage swing
Vref–0.1
V
VOM–
Maximum output voltage swing
0.2
V
IO(vr+)
Output current (sink)
VID = –0.1 V,
VO = 1.25 V
0.5
1
mA
II+
Sink current (pin 24) (standby mode)
VI = 0.3 V (pin 24)
VI = 0 V (pin 20)
0.1
0.5
mA
IOM–
Output current (source)
VID = 0.1 V,
VO = 0.75 V
–45
–85
µA
output section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SINK)
Output current (sink)
R(BIAS) = 2.4 kΩ
15
20
25
mA
I(SINK)
Output current (sink)
R(BIAS) = 5.8 kΩ
7.5
10
12.5
mA
total device
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO(CS)
Standby supply current
Standby pin input voltage = 0 V
1
200
µA
IO(CA)
Average supply current
Rt = 10 kΩ
4
7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com