Electronic Components Datasheet Search
  English  ▼

X  

TL1464 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL1464
Description  QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1464 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL1464 Datasheet HTML 3Page - Texas Instruments TL1464 Datasheet HTML 4Page - Texas Instruments TL1464 Datasheet HTML 5Page - Texas Instruments TL1464 Datasheet HTML 6Page - Texas Instruments TL1464 Datasheet HTML 7Page - Texas Instruments TL1464 Datasheet HTML 8Page - Texas Instruments TL1464 Datasheet HTML 9Page - Texas Instruments TL1464 Datasheet HTML 10Page - Texas Instruments TL1464 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TL1464I
QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS266 – FEBRUARY 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
1.4 V
0.7 V
0 V
“L”
0 V
Vref + 0.7 V
1.5 V
VCC
0 V
OSCILLATOR
WAVEFORM (see Note A)
DEAD-TIME
INPUT VOLTAGE
ERROR AMP. OUTPUT
PWM COMP. OUTPUT
OUTPUT PIN WAVEFORM
REGULATED OUTPUT
VOLTAGE (see Note B)
SCP PIN WAVEFORM
SCP COMP. OUTPUT
POWER SUPPLY
VOLTAGE
“H”
“L”
“H”
“L”
“H”
2.7 V
VA
VA
VA
DEAD-TIME 100%
tpe
Protection Enable Time, tpe = 477×103 Cpe (sec)
Figure 1. Timing Diagram (CH-1/CH-2)
0 V
Vref + 0.7 V
1.5 V
VCC
0 V
REGULATED OUTPUT
VOLTAGE (see Note B)
SCP PIN WAVEFORM
SCP COMP. OUTPUT
POWER SUPPLY
VOLTAGE
“L”
“H”
2.7 V
VA
VA
VA
tpe
Protection Enable Time, tpe = 477×103 Cpe (sec)
1.4 V
0.7 V
“L”
OSCILLATOR
WAVEFORM (see Note A)
ERROR AMP. OUTPUT
PWM COMP. OUTPUT
OUTPUT PIN WAVEFORM
“H”
“L”
“H”
DEAD-TIME 100%
Figure 2. Timing Diagram (CH-3/CH-4)
NOTES: A. Oscillator waveform of CH-1 and CH-2 is inverting output each other.
B. Va = input voltage of pin 29 (pin 24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com