Electronic Components Datasheet Search
  English  ▼

X  

X5001 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X5001
Description  CPU Supervisor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5001 Datasheet(HTML) 1 Page - Xicor Inc.

  X5001 Datasheet HTML 1Page - Xicor Inc. X5001 Datasheet HTML 2Page - Xicor Inc. X5001 Datasheet HTML 3Page - Xicor Inc. X5001 Datasheet HTML 4Page - Xicor Inc. X5001 Datasheet HTML 5Page - Xicor Inc. X5001 Datasheet HTML 6Page - Xicor Inc. X5001 Datasheet HTML 7Page - Xicor Inc. X5001 Datasheet HTML 8Page - Xicor Inc. X5001 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
©Xicor, Inc. 1994, 1995, 1996, 1998 Patents Pending
7078 1.1 8/9/99 CM
1
Characteristics subject to change without notice
WATCHDOG
TIMER
X5001
CPU Supervisor
Features
• 200ms Power On Reset Delay
• Low Vcc Detection and Reset Assertion
—Five Standard Reset Threshold Voltages
—Adjust Low Vcc Reset Threshold Voltage using
special programming sequence
—Reset Signal Valid to Vcc=1V
• Selectable Nonvolatile Watchdog Timer
—0.2, 0.6, 1.4 seconds
—Off selection
—Select settings through software
• Long Battery Life With Low Power Consumption
—<50
µA Max Standby Current,Watchdog On
—<1
µA Max Standby Current,Watchdog Off
• 2.7V to 5.5V Operation
• SPI Mode 0 interface
• Built-in Inadvertent Write Protection
—Power-Up/Power-Down Protection Circuitry
—Watchdog Change Latch
• High Reliability
• Available Packages
—8-Lead TSSOP
—8-Lead SOIC
—8 Pin PDIP
DESCRIPTION
This device combines three popular functions, Power on
Reset, Watchdog Timer, and Supply Voltage Supervision
in one package. This combination lowers system cost,
reduces board space requirements, and increases reli-
ability.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. During a system failure,
the device will respond with a RESET signal after a
selectable time-out interval. The user selects the interval
from three preset values. Once selected, the interval
does not change, even after cycling the power.
The user’s system is protected from low voltage condi-
tions by the device’s low Vcc detection circuitry. When
Vcc falls below the minimum Vcc trip point, the system is
reset. RESET is asserted until Vcc returns to proper
operating levels and stabilizes. Five industry standard
VTRIP thresholds are available, however, Xicor’s unique
circuits allow the thresold to be reprogrammed to meet
custom requirements or to fine-tune the threshold for
applications requiring higher precision.
The device utilizes Xicor’s proprietary Direct WriteTM cell
for the Watchdog TImer control bits and the VTRIP stor-
age element, providing a minimum endurance of
100,000 write cycles and a minimum data retention of
100 years.
Block Diagram
DATA
REGISTER
COMMAND
DECODE &
CONTROL
LOGIC
SI
SO
SCK
CS/WDI
7036 FRM 01
VCC
WATCHDOG
TRANSITION
DETECTOR
RESET &
WATCHDOG
TIMEBASE
POWER ON/
GENERATION
VTRIP
+
-
RESET
RESET
LOW VOLTAGE


Similar Part No. - X5001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
CPU Supervisor
April 6, 2005
X5001 INTERSIL-X5001 Datasheet
305Kb / 20P
CPU Supervisor
May 30, 2006
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
CPU Supervisor
logo
Intersil Corporation
X5001P INTERSIL-X5001P Datasheet
275Kb / 18P
CPU Supervisor
April 6, 2005
X5001P-2.7 INTERSIL-X5001P-2.7 Datasheet
305Kb / 20P
CPU Supervisor
May 30, 2006
More results

Similar Description - X5001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
RTC Module With CPU Supervisor
logo
Xicor Inc.
X4003 XICOR-X4003 Datasheet
378Kb / 18P
CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
CPU Supervisor
March 15, 2005
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
CPU Supervisor
April 6, 2005
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
CPU Supervisor
May 11, 2006
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
CPU Supervisor
May 30, 2006
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
CPU Supervisor
June 30, 2008
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
CPU Supervisor
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com