Electronic Components Datasheet Search
  English  ▼

X  

X5001 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X5001
Description  CPU Supervisor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5001 Datasheet(HTML) 3 Page - Xicor Inc.

  X5001 Datasheet HTML 1Page - Xicor Inc. X5001 Datasheet HTML 2Page - Xicor Inc. X5001 Datasheet HTML 3Page - Xicor Inc. X5001 Datasheet HTML 4Page - Xicor Inc. X5001 Datasheet HTML 5Page - Xicor Inc. X5001 Datasheet HTML 6Page - Xicor Inc. X5001 Datasheet HTML 7Page - Xicor Inc. X5001 Datasheet HTML 8Page - Xicor Inc. X5001 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
X5001
3
PRINCIPLES OF OPERATION
Power On Reset
Application of power to the X5001 activates a Power On
Reset Circuit. This circuit goes active at 1V and pulls the
RESET/RESET pin active. This signal prevents the sys-
tem microprocessor from starting to operate with insuffi-
cient voltage or prior to stabilization of the oscillator. When
Vcc exceeds the device VTRIP value for 200ms (nominal)
the circuit releases RESET, allowing the processor to
begin executing code.
Low voltage monitoring
During operation, the X5001 monitors the VCC level and
asserts RESET if supply voltage falls below a preset mini-
mum VTRIP. The RESET signal prevents the microproces-
sor from operating in a power fail or brownout condition.
The RESET signal remains active until the voltage drops
below 1V. It also remains active until Vcc returns and
exceeds VTRIP for 200ms.
watchdog timer
The Watchdog Timer circuit monitors the microprocessor
activity by monitoring the WDI input. The microprocessor
must toggle the CS/WDI pin periodically to prevent a
RESET signal. The CS/WDI pin must be toggled from
HIGH to LOW prior to the expiration of the watchdog time-
out period. The state of two nonvolatile control bits in the
Watchdog Register determine the watchdog timer period.
Vcc Threshold Reset Procedure
The X5001 is shipped with a standard Vcc threshold
(VTRIP) voltage. This value will not change over normal
operating and storage conditions. However, in applica-
tions where the standard VTRIP is not exactly right, or if
higher precision is needed in the VTRIP value, the X5001
threshold may be adjusted. The procedure is described
below, and requires the application of a high voltage con-
trol signal.
Setting the VTRIP Voltage
This procedure is used to set the VTRIP to a higher volt-
age value. For example, if the current VTRIP is 4.4V and
the new VTRIP is 4.6V, this procedure will directly make
the change. If the new setting is to be lower than the cur-
rent setting, then it is necessary to reset the trip point
before setting the new value.
To set the new VTRIP voltage, apply the desired VTRIP
threshold voltage to the Vcc pin and tie the WPE pin to the
programming voltage VP. Then a VTRIP programming
command sequence is sent to the device over the SPI
interface. This VTRIP programming sequence consists of
pulling CS LOW, then clocking in data 03h, 00h and 01h.
This is followed by bringing CS HIGH then LOW and
clocking in data 02h, 00h, and 01h (in order) and bringing
CS
HIGH. This
initiates
the VTRIP programming
sequence. VP is brought LOW to end the operation.
Resetting the VTRIP Voltage
This procedure is used to set the VTRIP to a “native” volt-
age level. For example, if the current VTRIP is 4.4V and
the new VTRIP must be 4.0V, then the VTRIP must be
reset. When VTRIP is reset, the new VTRIP is something
less than 1.7V. This procedure must be used to set the
voltage to a lower value.
To reset the VTRIP voltage, apply greater than 3V to the
Vcc pin and tie the WPE pin to the programming voltage
Vp. Then a VTRIP command sequence is sent to the
device over the SPI interface. This VTRIP programming
sequence consists of pulling CS LOW, then clocking in
data 03h, 00h and 01h. This is followed by bringing CS
HIGH then LOW and clocking in data 02h, 00h, and 03h
(in order) and bringing CS HIGH. This initiates the VTRIP
programming sequence. VP is brought LOW to end the
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com