Electronic Components Datasheet Search
  English  ▼

X  

X5001 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X5001
Description  CPU Supervisor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5001 Datasheet(HTML) 2 Page - Xicor Inc.

  X5001 Datasheet HTML 1Page - Xicor Inc. X5001 Datasheet HTML 2Page - Xicor Inc. X5001 Datasheet HTML 3Page - Xicor Inc. X5001 Datasheet HTML 4Page - Xicor Inc. X5001 Datasheet HTML 5Page - Xicor Inc. X5001 Datasheet HTML 6Page - Xicor Inc. X5001 Datasheet HTML 7Page - Xicor Inc. X5001 Datasheet HTML 8Page - Xicor Inc. X5001 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
X5001
2
PIN DESCRIPTION
Figure 1. PIN CONFIGURATION
PIN
(SOIC/PDIP)
PIN
TSSOP
Name
Function
11
CS/WDI
Chip Select Input. CS HIGH, deselects the device and the SO output pin is at
a high impedance state. Unless a nonvolatile write cycle is underway, the de-
vice will be in the standby power mode. CS LOW enables the device, placing it
in the active power mode. Prior to the start of any operation after power up, a
HIGH to LOW transition on CS is required
Watchdog Input. A HIGH to LOW transition on the WDI pin restarts the Watch-
dog timer. The absence of a HIGH to LOW transition within the watchdog time-
out period results in RESET/RESET going active.
22
SO
Serial Output. SO is a push/pull serial data output pin. A read cycle shifts data
out on this pin. The falling edge of the serial clock (SCK) clocks the data out.
58
SI
Serial Input. SI is a serial data input pin. Input all opcodes, byte addresses, and
memory data on this pin. The rising edge of the serial clock (SCK) latches the
input data. Send all opcodes (Table 1), addresses and data MSB first.
6
9
SCK
Serial Clock. The Serial Clock controls the serial bus timing for data input and
output. The rising edge of SCK latches in the opcode, address, or watchdog
bits present on the SI pin. The falling edge of SCK changes the data output on
the SO pin.
36
VPE
VTRIP Program Enable. When VPE is LOW, the VTRIP point is fixed at the last
valid programmed level. To readjust the VTRIP level, requires that the VPE pin
be pulled to a high voltage (15-18V).
47
VSS
Ground
814
VCC
Supply Voltage
7
13
RESET
Reset Output. RESET is an active LOW, open drain output which goes active
whenever Vcc falls below the minimum Vcc sense level. It will remain active un-
til Vcc rises above the minimum Vcc sense level for 200ms. RESET goes active
if the Watchdog Timer is enabled and CS/WDI remains either HIGH or LOW
longer than the selectable Watchdog time-out period. A falling edge of CS/WDI
will reset the Watchdog Timer. RESET goes active on power up at 1V and re-
mains active for 200ms after the power supply stabilizes.
3-5,10-12
NC
No internal connections
8 Lead SOIC/PDIP
CS/WDI
SO
1
2
3
4
RESET
8
7
6
5
VCC
VSS
SCK
SI
SCK
SI
VSS
VCC
CS/WDI
SO
1
2
3
4
8
7
6
5
8 Lead TSSOP
RESET
VPE
VPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com