Electronic Components Datasheet Search
  English  ▼

X  

LM1572 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1572
Description  1.5A, 500kHz Step-down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1572 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1572 Datasheet HTML 1Page - National Semiconductor (TI) LM1572 Datasheet HTML 2Page - National Semiconductor (TI) LM1572 Datasheet HTML 3Page - National Semiconductor (TI) LM1572 Datasheet HTML 4Page - National Semiconductor (TI) LM1572 Datasheet HTML 5Page - National Semiconductor (TI) LM1572 Datasheet HTML 6Page - National Semiconductor (TI) LM1572 Datasheet HTML 7Page - National Semiconductor (TI) LM1572 Datasheet HTML 8Page - National Semiconductor (TI) LM1572 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2kV
Input Voltage
17V
SD Pin Voltage
7V
FB Pin Voltage (All Options)
7V
Storage Temp. Range
−65˚C to 150˚C
Junction Temperature
150˚C
Operating Ratings
Supply Voltage (V
IN) (Note 3)
8.5V to 16V
Junction Temperature Range
−40˚C to +125˚C
Package Thermal Resistance
(TSSOP-16) (Note 4)
130˚C/W
Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, VIN = 15V, VCOMP = 1.5V, VSD = 5V, ILOAD = 0A, unless
otherwise noted. Boldface apply over the temperature extremes. ’V
FB low (high)’ is 0.95 (1.05) times the nominal value at
regulation.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note
6)
Max
(Note 5)
Units
V
FB_ADJ
Voltage on Feedback pin
(Adjustable version in regulation)
2.37
2.35
2.42
2.49
2.5
V
V
FB_5
Voltage on Feedback pin (Fixed
5V version in regulation)
4.85
4.8
5.0
5.15
5.2
V
V
FB_3.3
Voltage on Feedback pin (Fixed
3.3V version in regulation)
3.22
3.16
3.3
3.4
3.44
V
∆V
FB/VIN
Feedback Voltage Line
Regulation
V
IN = 8.5V to VIN = 16V
−0.05
0
0.05
%/V
I
FB_REG
Feedback Pin Bias Current
(Adjustable Part)
V
FB at regulation
0
0.5
1.5
µA
AV
ERROR
Error Amplifier Voltage Gain
(Note 7)
350
gm
EA
Error Amplifier
Transconductance (Note 7)
1100
800
2000
2700
3200
µMho
gm
COMP_SW
Comp Pin to Switch Current
Transconductance
2
A/V
I
EA_SOURCE
Error Amplifier Source Current
V
FB low
50
200
300
µA
I
EA_SINK
Error Amplifier Sink Current
V
FB high
2.4
mA
V
COMP_TH
Comp Pin Switching Threshold
Duty Cycle = 0
0.9
V
V
COMP_LIM
Comp Pin High Clamp
2
V
I
CLIM
Switch Current Limit
V
BOOT =VSW + 5V,
Comp Open,
V
FB low
D
≤ 0.5
2.0
2.7
3.2
A
D = 0.8
1.75
2.4
3
R
DS
Switch ON Resistance
I
SW = 1.5A, VBOOT =VIN + 5V
0.15
0.4
0.5
Ω
D
MAX
Maximum Duty Cycle
(Note 8)
Comp Open,
V
FB low
86
94
%
f
SW
Switch Frequency
V
FB low, VCOMP = 1V,
Full Temp.
Range
400
500
570
kHz
-20˚C
≤ T
J
≤
125˚C
440
560
f
REG
Switch Frequency Line
Regulation
V
IN = 8.5V and
V
IN = 16V,VFB low, VCOMP =1V
0.01
%/V
∆f
FOLDBACK
Foldback Frequency shift
(Adjustable part)
V
FB = 0.8V, VCOMP = 1V
20
90
160
kHz
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com