Electronic Components Datasheet Search
  English  ▼

X  

LM1572 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1572
Description  1.5A, 500kHz Step-down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1572 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1572 Datasheet HTML 2Page - National Semiconductor (TI) LM1572 Datasheet HTML 3Page - National Semiconductor (TI) LM1572 Datasheet HTML 4Page - National Semiconductor (TI) LM1572 Datasheet HTML 5Page - National Semiconductor (TI) LM1572 Datasheet HTML 6Page - National Semiconductor (TI) LM1572 Datasheet HTML 7Page - National Semiconductor (TI) LM1572 Datasheet HTML 8Page - National Semiconductor (TI) LM1572 Datasheet HTML 9Page - National Semiconductor (TI) LM1572 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, VIN = 15V, VCOMP = 1.5V, VSD = 5V, ILOAD = 0A, unless
otherwise noted. Boldface apply over the temperature extremes. ’V
FB low (high)’ is 0.95 (1.05) times the nominal value at
regulation.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note
6)
Max
(Note 5)
Units
I
SS
Softstart Pin Current
V
SS = 1V,VFB=0V
2.5
4.5
8
µA
I
SD
Shutdown Supply Current
V
SD = 0V,VCOMP = 1V,VFB low
26
52
75
µA
I
STDBY
Standby Supply Current
V
SD = 1.5V, Comp Open
2.3
4
4.3
mA
V
UVLO
Undervoltage Lockout Threshold
Comp Open, V
FB low
2.2
2.38
2.5
V
V
SD
Shutdown Threshold
Comp Open, V
COMP = 1V, VFB low
0.75
1.0
1.28
V
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: This is for the human body model, which is a 100pF capacitor discharged through a 1.5k resistor into each pin.
Note 3: Minimum input voltage is defined as the voltage where internal bias lines are still regulated so that the reference voltage and oscillator remain constant.
Actual minimum input voltage to maintain output in regulation depends on output voltage and load current. In particular, the required duty cycle must be less than
the lowest possible upper duty cycle limit of the controller (DMAX = 0.86). The maximum input voltage will also depend on output voltage and load current. In
particular, the required duty cycle must be greater than the lowest possible duty cycle limit of the controller (DMIN = 0.15), estimated from the typical minimum
on-time, which is about 300ns.
Note 4: Junction to Ambient thermal resistance with the TSSOP-16 package soldered on a 1oz. printed circuit board with copper area of approximately 1in2.
Note 5: All limits guaranteed at room temperature (standard face type) and at temperature extremes (bold face type). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via correlation using Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level (AOQL).
Note 6: Typical numbers are at 25˚C and represent the most likely norm.
Note 7: Transconductance and voltage gain refer to the internal amplifier, excluding any voltage divider as is present on the fixed voltage parts. To calculate the gain
and transconductance for the fixed voltage parts, divide values shown in table by the ratio VFB_5/2.42 = 2.07 for the 5V part and by VFB_3.3/2.42 = 1.36 for the 3.3V
part.
Note 8: To ensure stable operation, the maximum recommended operating duty cycle is 80%.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com