Electronic Components Datasheet Search
  English  ▼

X  

LM2706 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2706
Description  Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2706 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2706 Datasheet HTML 1Page - National Semiconductor (TI) LM2706 Datasheet HTML 2Page - National Semiconductor (TI) LM2706 Datasheet HTML 3Page - National Semiconductor (TI) LM2706 Datasheet HTML 4Page - National Semiconductor (TI) LM2706 Datasheet HTML 5Page - National Semiconductor (TI) LM2706 Datasheet HTML 6Page - National Semiconductor (TI) LM2706 Datasheet HTML 7Page - National Semiconductor (TI) LM2706 Datasheet HTML 8Page - National Semiconductor (TI) LM2706 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Typical Performance Characteristics (Circuit of Figure 1,V
IN = EN = 3.6V, ABD = BYP = 0V, TA =
25˚C, unless otherwise noted.)
Quiescent Supply Current vs Temperature
Quiescent Supply Current vs Supply Voltage
20040984
20040985
Shutdown Supply Current vs Temperature
Switching Frequency vs Temperature
20040986
20040987
Output Voltage vs Temperature
(V
OUT = 1.5V)
Output Voltage vs Temperature
(V
OUT = 3.25V)
20040988
20040989
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com