Electronic Components Datasheet Search
  English  ▼

X  

LM2706 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2706
Description  Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2706 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2706 Datasheet HTML 7Page - National Semiconductor (TI) LM2706 Datasheet HTML 8Page - National Semiconductor (TI) LM2706 Datasheet HTML 9Page - National Semiconductor (TI) LM2706 Datasheet HTML 10Page - National Semiconductor (TI) LM2706 Datasheet HTML 11Page - National Semiconductor (TI) LM2706 Datasheet HTML 12Page - National Semiconductor (TI) LM2706 Datasheet HTML 13Page - National Semiconductor (TI) LM2706 Datasheet HTML 14Page - National Semiconductor (TI) LM2706 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Dynamically Adjustable Output
Voltage (Continued)
be reduced helping maintain longer battery life. See Setting
the Output Voltage in the Application Information section for
further details.
Soft-Start
The LM2706 has soft start to reduce inrush during power-up
and startup. This reduces stress on the LM2706 and external
components. It also reduces startup transients on the power
source. Soft start is implemented by ramping up the refer-
ence input to the error amplifier of the LM2706 to gradually
increase the output voltage. The reference ramps up in
around 600 µs.
Thermal Overload Protection
The LM2706 has a thermal overload protection function that
operates to protect itself from short-term misuse and over-
load conditions. When the junction temperature exceeds
around 150˚C, the device initiates a soft-start cycle which is
completed after the temperature drops below 130˚C. Pro-
longed operation in thermal overload conditions may dam-
age the device and is considered bad practice.
Application Information
SETTING THE OUTPUT VOLTAGE
The LM2706 features a pin-controlled variable output volt-
age to eliminate the need for external feedback resistors.
Select an output voltage from 1.5V to 3.25V by setting the
voltage on the V
CON output voltage control pin, as directed in
Table 2.
When the control pin voltage is between 0.65V and 1.5V, the
output voltage will vary in a monotonic fashion with respect
to the voltage on the control pin as per the above equation.
Internally the control pin is buffered and then clamped before
it is fed to the error amplifier inputs. If voltage on the control
pin is less than 0.55V, the output voltage is regulated at 1.5V
and if the voltage is greater than 1.7V, the output is regulated
at 3.25V.
TABLE 2. Output Voltage Selection
V
CON (V)
V
OUT (V)
V
CON
≤ 0.55
1.5
0.65 < V
CON < 1.5
V
OUT = 1.75 VCON + 0.45V
V
CON
≥ 1.7
3.25
Refer to Figure 4 for the relation between V
OUT and VCON.
INDUCTOR SELECTION
Use a 10 µH inductor with a saturation current rating of
atleast 750 mA. The inductor’s resistance should be less
than around 0.3
Ω for good efficiency. Table 3 lists suggested
inductors and suppliers.
TABLE 3. Suggested Inductors and Their Suppliers
Part Number
Vendor
Phone
FAX
DO1608C-103
Coilcraft
847-639-6400
847-639-1469
P1174.103T
Pulse
858-674-8100
858-674-8262
ELL6RH100M
Panasonic
714-373-7366
714-373-7323
CDRH5D18-100
Sumida
847-956-0666
847-956-0702
For low-cost applications, an unshielded bobbin inductor is
suggested. For noise critical applications, a toroidal or
shielded-bobbin inductor should be used. A good practice is
to lay out the board with footprints accommodating both
types for design flexibility. This allows substitution of a low-
noise toroidal inductor, in the event that noise from low-cost
bobbin models is unacceptable. The saturation current rating
is the current level beyond which an inductor looses its
inductance. Beyond this rating, the inductor looses its ability
to limit current through the PWM switch to a ramp. This can
cause poor efficiency, regulation errors or stress to DC-DC
converters like the LM2706. Saturation occurs when the
magnetic flux density from current through the windings of
the inductor exceeds what the inductor’s core material can
support with a corresponding magnetic field.
CAPACITOR SELECTION
Use a 4.7 µF ceramic input capacitor and a 4.7 µF ceramic
output capacitor. These provide an optimal balance between
small size, cost, reliability and performance for cell phones
and similar applications. Table 4 lists suggested capacitors
and suppliers.
200409A9
FIGURE 4. V
OUT vs VCON
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com