Electronic Components Datasheet Search
  English  ▼

X  

LM2706 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2706
Description  Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2706 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2706 Datasheet HTML 7Page - National Semiconductor (TI) LM2706 Datasheet HTML 8Page - National Semiconductor (TI) LM2706 Datasheet HTML 9Page - National Semiconductor (TI) LM2706 Datasheet HTML 10Page - National Semiconductor (TI) LM2706 Datasheet HTML 11Page - National Semiconductor (TI) LM2706 Datasheet HTML 12Page - National Semiconductor (TI) LM2706 Datasheet HTML 13Page - National Semiconductor (TI) LM2706 Datasheet HTML 14Page - National Semiconductor (TI) LM2706 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Application Information (Continued)
and act as antennas. Following this rule reduces radiated
noise. Place the capacitors and inductor within 0.2 in
(5 mm) of the LM2706.
3. Arrange the components so that the switching current
loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor,
through the LM2706 and inductor to the output filter ca-
pacitor and back through ground, forming a current loop.
In the second half of each cycle, current is pulled up from
ground, through the LM2706 by the inductor, to the output
filter capacitor and then back through ground, forming a
second current loop. Routing these loops so the current
curls in the same direction prevents magnetic field rever-
sal between the two half-cycles and reduces radiated
noise.
4. Connect the ground pins of the LM2706, and filter capaci-
tors together using generous component-side copper fill
as a pseudo-ground plane. Then, connect this to the
ground-plane (if one is used) with several vias. This
reduces ground-plane noise by preventing the switching
currents from circulating through the ground plane. It also
reduces ground bounce at the LM2706 by giving it a
low-impedance ground connection.
5. Use wide traces between the power components and for
power connections to the DC-DC converter circuit. This
reduces voltage errors caused by resistive losses across
the traces. Because the FB trace of the LM2706 carries
current from the bypass switch, this trace must also be
wide.
6. Route noise sensitive traces, such as the voltage feed-
back path, away from noisy traces between the power
components. The voltage feedback trace must remain
close to the LM2706 circuit and should be routed directly
from FB to V
OUT at the output capacitor and should be
routed opposite to noisy components. This reduces EMI
radiated onto the DC-DC converter’s own voltage feed-
back trace.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com