Electronic Components Datasheet Search
  English  ▼

X  

LT1012CH Datasheet(PDF) 9 Page - Linear Technology

Part # LT1012CH
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012CH Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1012CH Datasheet HTML 5Page - Linear Technology LT1012CH Datasheet HTML 6Page - Linear Technology LT1012CH Datasheet HTML 7Page - Linear Technology LT1012CH Datasheet HTML 8Page - Linear Technology LT1012CH Datasheet HTML 9Page - Linear Technology LT1012CH Datasheet HTML 10Page - Linear Technology LT1012CH Datasheet HTML 11Page - Linear Technology LT1012CH Datasheet HTML 12Page - Linear Technology LT1012CH Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
sn1012 1012afbs
LT1012A/LT1012
0.1Hz to 10Hz Noise
Common Mode Rejection vs
Frequency
Total Noise vs Source Resistance
Power Supply Rejection vs
Frequency
Noise Spectrum
Voltage Gain vs Frequency
Voltage Gain vs Load Resistance
Supply Current vs Supply Voltage
Gain, Phase Shift vs Frequency
TIME (SECONDS)
0
8
2
4
6
10
TA = 25°C
VS = ±1.2V TO ± 20V
LT1012A • TPC10
SUPPLY VOLTAGE (V)
0
400
± 20
25
°C
125
°C
–55
°C
300
± 5
±10
±15
500
LT1012A • TPC13
FREQUENCY (Hz)
1
140
120
100
80
60
40
20
0
1k
100k
10
100
10k
1M
VS = ±15V
TA = 25°C
LT1012A • TPC14
FREQUENCY (Hz)
0.1
100
120
140
100
10k
80
60
110
1k
100k
1M
40
20
VS = ±15V
TA = 25°C
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
LT1012A • TPC15
FREQUENCY (Hz)
0.01
60
80
100
100 1k 10k 100k 1M 10M
40
20
–20
0.1
1
10
0
140
120
LT1012A • TPC16
VS = ±15V
TA = 25°C
FREQUENCY (MHz)
0.01
–10
20
30
40
0.1
1
10
10
0
200
140
120
100
160
180
GAIN
LT1012A • TPC17
VS = ±15V
TA = 25°C
PHASE
PHASE MARGIN
= 70
°C
LOAD RESISTANCE (k
Ω)
1
100k
300k
1M
10M
3M
5
210
20
VS = ±15V
V0 = ±10V
25
°C
125
°C
–55
°C
LT1012A • TPC18
FREQUENCY (Hz)
1
1
10
100
1000
10
100
1000
TA = 25°C
VS = ±1.2 TO ±20V
CURRENT NOISE
VOLTAGE NOISE
LT1012A • TPC11
1/f CORNER
120Hz
1/f CORNER
2.5Hz
SOURCE RESISTANCE (
Ω)
102
103
104
105
106
107
0.01
1.0
10.0
108
0.1
TA = 25°C
VS = ± 1.2V TO ± 20V
LT1012A • TPC12
RS = 2R
R
R
+
–
AT 10Hz
AT 1kHz
RESISTOR NOISE
ONLY
AT 10Hz
AT 1kHz
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com