Electronic Components Datasheet Search
  English  ▼

X  

LT1012CH Datasheet(PDF) 4 Page - Linear Technology

Part # LT1012CH
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012CH Datasheet(HTML) 4 Page - Linear Technology

  LT1012CH Datasheet HTML 1Page - Linear Technology LT1012CH Datasheet HTML 2Page - Linear Technology LT1012CH Datasheet HTML 3Page - Linear Technology LT1012CH Datasheet HTML 4Page - Linear Technology LT1012CH Datasheet HTML 5Page - Linear Technology LT1012CH Datasheet HTML 6Page - Linear Technology LT1012CH Datasheet HTML 7Page - Linear Technology LT1012CH Datasheet HTML 8Page - Linear Technology LT1012CH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1012A/LT1012
sn1012 1012afbs
VS = ± 15V, VCM = 0V, TA = 25°C, unless otherwise noted.
LT1012D
LT1012S8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
12
60
15
120
µV
(Note 3)
25
25
180
µV
Long Term Input Offset
0.3
0.4
µV/month
Voltage Stability
lOS
Input Offset Current
20
150
50
280
pA
(Note 3)
30
60
380
pA
IB
Input Bias Current
±30
±150
±80
±300
pA
(Note 3)
±40
±120
±400
pA
en
Input Noise Voltage
0.1Hz to 10Hz
0.5
0.5
µVP-P
en
Input Noise Voltage Density
fO = 10Hz (Note 5)
17
30
17
30
nV
√Hz
fO = 1000Hz (Note 5)
14
22
14
22
nV
√Hz
in
lnput Noise Current Density
fO = 10Hz
20
20
fA/
√Hz
AVOL
Large-Signal Voltage Gain
VOUT = ±12V,RL ≥ 10kΩ
200
2000
200
2000
V/mV
VOUT = ±10V,RL ≥ 2kΩ
200
1000
120
1000
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
110
132
110
132
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.2V to ± 20V
110
132
110
132
dB
Input Voltage Range
±13.5
±14.0
±13.5
±14.0
V
VOUT
Output Voltage Swing
RL = 10kΩ±13
±14
±13
±14
V
Slew Rate
0.1
0.2
0.1
0.2
V/
µs
IS
Supply Current
(Note 3)
380
600
380
600
µA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com