Electronic Components Datasheet Search
  English  ▼

X  

LT1012CH Datasheet(PDF) 6 Page - Linear Technology

Part # LT1012CH
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012CH Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1012CH Datasheet HTML 2Page - Linear Technology LT1012CH Datasheet HTML 3Page - Linear Technology LT1012CH Datasheet HTML 4Page - Linear Technology LT1012CH Datasheet HTML 5Page - Linear Technology LT1012CH Datasheet HTML 6Page - Linear Technology LT1012CH Datasheet HTML 7Page - Linear Technology LT1012CH Datasheet HTML 8Page - Linear Technology LT1012CH Datasheet HTML 9Page - Linear Technology LT1012CH Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1012A/LT1012
sn1012 1012afbs
LT1012AC
LT1012C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
20
60
20
100
µV
(Note 3)
q
30
160
30
200
µV
Average Temperature Coefficient of
q
0.2
0.6
0.2
1.0
µV/°C
Input Offset Voltage
IOS
Input Offset Current
q
25
230
35
230
pA
(Note 3)
q
40
300
45
300
pA
Average Temperature Coefficient of
q
0.3
2.5
0.3
2.5
pA/
°C
Input Offset Current
IB
Input Bias Current
q
±35
±230
±35
±230
pA
(Note 3)
q
±50
±300
±50
±300
pA
Average Temperature Coefficient of
q
0.3
2.5
0.3
2.5
pA/
°C
Input Bias Current
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL ≥ 10kΩ
q
200
1500
150
1500
V/mV
VOUT = ±10V, RL ≥ 2kΩ
q
200
1000
150
800
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13.5V
q
110
130
108
130
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.3V to ± 20V
q
110
128
108
128
dB
Input Voltage Range
q
±13.5
±13.5
V
VOUT
Output Voltage Swing
RL = 10kΩ
q
±13
±14
±13
±14
V
IS
Supply Current
q
400
600
400
800
µA
The q denotes the specifications which apply over the full operating
temperature range of 0
°C ≤ TA ≤ 70°C. VS = ±15V, VCM = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com