Electronic Components Datasheet Search
  English  ▼

X  

MP4006 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MP4006
Description  Silicon NPN&PNP Epitaxial Type (Darlington power transistor 4 in 1)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4006 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MP4006 Datasheet HTML 1Page - Toshiba Semiconductor MP4006 Datasheet HTML 2Page - Toshiba Semiconductor MP4006 Datasheet HTML 3Page - Toshiba Semiconductor MP4006 Datasheet HTML 4Page - Toshiba Semiconductor MP4006 Datasheet HTML 5Page - Toshiba Semiconductor MP4006 Datasheet HTML 6Page - Toshiba Semiconductor MP4006 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MP4006
2002-11-20
1
TOSHIBA Power Transistor Module
Silicon NPN&PNP Epitaxial Type (Darlington power transistor 4 in 1)
MP4006
High Power Switching Applications.
Hammer Drive, Pulse Motor Drive and Inductive Load
Switching.
· Small package by full molding (SIP 10 pin)
· High collector power dissipation (4 devices operation)
: IC (DC) = ±2 A (max)
· High DC current gain: hFE = 2000 (min) (VCE = ±2 V, IC = ±1 A)
Maximum Ratings (Ta = 25°C)
Rating
Characteristics
Symbol
NPN
PNP
Unit
Collector-base voltage
VCBO
80
−80
V
Collector-emitter voltage
VCEO
80
−80
V
Emitter-base voltage
VEBO
8
−8
V
DC
IC
2
−2
Collector current
Pulse
ICP
3
−3
A
Continuous base current
IB
0.5
−0.5
A
Collector power dissipation
(1 device operation)
PC
2.0
W
Collector power dissipation
(4 devices operation)
PT
4.0
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Array Configuration
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-25A1B
Weight: 2.1 g (typ.)
7
2
10
R1 R2
4
9
1
R1 ≈ 4 kΩ R2 ≈ 800 Ω
8
6
5
R1 R2
3


Similar Part No. - MP4006

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4006 TOSHIBA-MP4006 Datasheet
197Kb / 7P
High Power Switching Applications
logo
CHENG-YI ELECTRONIC CO....
MP4006S CHENG-YI-MP4006S Datasheet
148Kb / 2P
40,50S IN-LINE BRIDGE RECTIFIER
logo
RFE international
MP4006S RFE-MP4006S Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
logo
Toshiba Semiconductor
MP4006 TOSHIBA-MP4006_07 Datasheet
197Kb / 7P
High Power Switching Applications
More results

Similar Description - MP4006

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4513 TOSHIBA-MP4513 Datasheet
142Kb / 6P
TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)
MP4305 TOSHIBA-MP4305 Datasheet
145Kb / 6P
TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
MP4025 TOSHIBA-MP4025 Datasheet
60Kb / 2P
Power Transistor Module Silicon NPN Epitaxial Type (darlington power transistor 4 in 1)
21-Aug-2000
2SD1658 TOSHIBA-2SD1658_07 Datasheet
191Kb / 5P
Silicon NPN Epitaxial Type (Darlington Power Transistor)
26-Jul-2004
2SD2088 TOSHIBA-2SD2088_03 Datasheet
120Kb / 5P
Silicon NPN Epitaxial Type (Darlington power transistor)
2SB1067 TOSHIBA-2SB1067_06 Datasheet
192Kb / 5P
Silicon PNP Epitaxial Type (Darlington Power Transistor)
2SD2206 TOSHIBA-2SD2206_06 Datasheet
119Kb / 4P
Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2695 TOSHIBA-2SD2695 Datasheet
131Kb / 5P
Silicon NPN Epitaxial Type (Darlington Power Transistor)
logo
Unisonic Technologies
2SD2686 UTC-2SD2686 Datasheet
119Kb / 3P
SILICON NPN EPITAXIAL TYPE (DARLINGTON POWER)
logo
Continental Device Indi...
CSB1626 CDIL-CSB1626 Datasheet
313Kb / 3P
PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com