Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509APGE Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5509APGE
Description  TMS320VC5509A Fixed-Point Digital Signal Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509APGE Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC5509APGE Datasheet HTML 48Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 49Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 50Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 51Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 52Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 53Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 54Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 55Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 144 page
background image
Functional Overview
52
November 2002 − Revised January 2005
SPRS205D
15
3
210
Reserved
DPLLSTAT
APLLSTAT
PLLSEL
R, 0000 0000 0000 0
R, 1
R, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−18. USB PLL Selection and Status Register Bit Layout
Table 3−18. USB PLL Selection and Status Register Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−3
Reserved
0
Reserved bits. Always write 0.
2
DPLLSTAT
1
Status bit indicating if the DPLL is the source for the USB module clock.
DPLLSTAT = 0
The DPLL is not the USB module clock source.
DPLLSTAT = 1
The DPLL is the USB module clock source.
1
APLLSTAT
0
Status bit indicating if the APLL is the source for the USB module clock.
APLLSTAT = 0
The APLL is not the USB module clock source.
APLLSTAT = 1
The APLL is the USB module clock source.
0
PLLSEL
0
USB module clock source selection bit.
PLLSEL = 0
DPLL is selected as USB module clock source.
PLLSEL = 1
APLL is selected as USB module clock source.
15
12
11
10
3
2
1
0
MULT
DIV
COUNT
ON
MODE
STAT
R/W, 0000
R/W, 0
R, 0000 0000
R/W, 0
R/W, 0
R, 0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−19. USB APLL Clock Mode Register Bit Layout
Table 3−19. USB APLL Clock Mode Register Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−12
MULT
0
PLL Multiply Factor K. Multiply Factor K, combined with DIV and MODE, determines the final PLL output
clock frequency.
K = MULT[3:0] + 1
11
DIV
0
PLL Divide Factor (D) selection bit for PLL multiply mode operation. DIV, combined with K and MODE,
determines the final PLL output clock frequency. When the PLL is operating in multiply mode:
DIV = 0
PLL Divide Factor D = 1
DIV = 1
PLL Divide Factor D = 2 if K is odd
PLL Divide Factor D = 4 if K is even
10−3
COUNT
0
8-bit counter for PLL lock timer. When the MODE bit is set to 1, the COUNT field starts decrementing by 1
at the rate of CLKIN/16. When COUNT decrements to 0, the STAT bit is set to 1 and the PLL enabled clock
is sourced to the USB module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com