Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509APGE Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5509APGE
Description  TMS320VC5509A Fixed-Point Digital Signal Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509APGE Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5509APGE Datasheet HTML 17Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 18Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 19Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 20Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 21Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 22Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 23Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 24Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
Introduction
21
November 2002 − Revised January 2005
SPRS205D
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
RESET
CONDITION
BK‡
FUNCTION
I/O/Z†
MULTIPLEXED
SIGNAL NAME
PARALLEL BUS (CONTINUED)
C0
I/O/Z
EMIF asynchronous memory read enable or general-purpose IO8. This
pin serves in one of two functions: EMIF asynchronous memory read
enable (EMIF.ARE) or general-purpose IO8 (GPIO8). The initial state of
this pin depends on the GPIO0 pin. See Section 3.5.1 for more information.
GPIO0 = 1:
Output,
EMIF.ARE
EMIF.ARE
O/Z
Active-low EMIF asynchronous memory read enable. EMIF.ARE is
selected when the Parallel Port Mode bit field of the External Bus Selection
Register is 00 or 01.
BK
EMIF.ARE
GPIO0 = 0:
Input,
GPIO8
I/O/Z
General-purpose IO8. GPIO8 is selected when the Parallel Port Mode bit
field of the External Bus Selection Register is set to 10 or 11.
Input,
GPIO8
C1
O/Z
EMIF asynchronous memory output enable or HPI interrupt output. This
pin serves in one of two functions: EMIF asynchronous memory output
enable (EMIF.AOE) or HPI interrupt output (HPI.HINT). The initial state of
this pin depends on the GPIO0 pin. See Section 3.5.1 for more information.
GPIO0 = 1:
Output,
EMIF.AOE
EMIF.AOE
O/Z
Active-low asynchronous memory output enable. EMIF.AOE is selected
when the Parallel Port Mode bit field of the External Bus Selection Register
is 00 or 01.
EMIF.AOE
GPIO0 = 0:
Output,
HPI.HINT
O/Z
Active-low HPI interrupt output. HPI.HINT is selected when the Parallel
Port Mode bit field of the External Bus Selection Register is 10 or 11.
Output,
HPI.HINT
C2
I/O/Z
EMIF asynchronous memory write enable or HPI read/write. This pin
serves in one of two functions: EMIF asynchronous memory write enable
(EMIF.AWE) or HPI read/write (HPI.HR/W). The initial state of this pin
depends on the GPIO0 pin. See Section 3.5.1 for more information.
GPIO0 = 1:
Output,
EMIF.AWE
EMIF.AWE
O/Z
Active-low EMIF asynchronous memory write enable. EMIF.AWE is
selected when the Parallel Port Mode bit field of the External Bus Selection
Register is 00 or 01.
BK
EMIF.AWE
GPIO0 = 0:
Input,
HPI.HR/W
I
HPI read/write. HPI.HR/W is selected when the Parallel Port Mode bit field
of the External Bus Selection Register is 10 or 11. HPI.HR/W controls the
direction of the HPI transfer.
Input,
HPI.HR/W
C3
I/O/Z
EMIF data ready input or HPI ready output. This pin serves in one of two
functions: EMIF data ready input (EMIF.ARDY) or HPI ready output
(HPI.HRDY). The initial state of this pin depends on the GPIO0 pin. See
Section 3.5.1 for more information.
GPIO0 = 1:
Input,
EMIF.ARDY
EMIF.ARDY
I
EMIF data ready input. Used to insert wait states for slow memories.
EMIF.ARDY is selected when the Parallel Port Mode bit field of the
External Bus Selection Register is 00 or 01.
H
EMIF.ARDY
GPIO0 = 0:
Output,
HPI.HRDY
O
HPI ready output. HPI.HRDY is selected when the Parallel Port Mode bit
field of the External Bus Selection Register is 10 or 11.
Output,
HPI.HRDY
† I = Input, O = Output, S = Supply, Hi-Z = High-impedance
‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer, FS = fail-safe buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com