Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509APGE Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5509APGE
Description  TMS320VC5509A Fixed-Point Digital Signal Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509APGE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5509APGE Datasheet HTML 9Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 10Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 11Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 12Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 13Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 14Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 15Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 16Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
Features
13
November 2002 − Revised January 2005
SPRS205D
1
TMS320VC5509A Features
D High-Performance, Low-Power, Fixed-Point
TMS320C55x
 Digital Signal Processor
− 9.26-, 6.95-, 5-ns Instruction Cycle Time
− 108-, 144-, 200-MHz Clock Rate
− One/Two Instruction(s) Executed per
Cycle
− Dual Multipliers [Up to 400 Million
Multiply-Accumulates per Second
(MMACS)]
− Two Arithmetic/Logic Units (ALUs)
− Three Internal Data/Operand Read Buses
and Two Internal Data/Operand Write
Buses
D 128K x 16-Bit On-Chip RAM, Composed of:
− 64K Bytes of Dual-Access RAM (DARAM)
8 Blocks of 4K
× 16-Bit
− 192K Bytes of Single-Access RAM
(SARAM) 24 Blocks of 4K
× 16-Bit
D 64K Bytes of One-Wait-State On-Chip ROM
(32K
× 16-Bit)
D 8M × 16-Bit Maximum Addressable External
Memory Space (Synchronous DRAM)
D 16-Bit External Parallel Bus Memory
Supporting Either:
− External Memory Interface (EMIF) With
GPIO Capabilities and Glueless Interface
to:
− Asynchronous Static RAM (SRAM)
− Asynchronous EPROM
− Synchronous DRAM (SDRAM)
− 16-Bit Parallel Enhanced Host-Port
Interface (EHPI) With GPIO Capabilities
D Programmable Low-Power Control of Six
Device Functional Domains
D On-Chip Scan-Based Emulation Logic
D On-Chip Peripherals
− Two 20-Bit Timers
− Watchdog Timer
− Six-Channel Direct Memory Access
(DMA) Controller
− Three Serial Ports Supporting a
Combination of:
− Up to 3 Multichannel Buffered Serial
Ports (McBSPs)
− Up to 2 MultiMedia/Secure Digital Card
Interfaces
− Programmable Phase-Locked Loop
Clock Generator
− Seven (LQFP) or Eight (BGA) General-
Purpose I/O (GPIO) Pins and a General-
Purpose Output Pin (XF)
− USB Full-Speed (12 Mbps) Slave Port
Supporting Bulk, Interrupt and
Isochronous Transfers
− Inter-Integrated Circuit (I2C) Multi-Master
and Slave Interface
− Real-Time Clock (RTC) With Crystal
Input, Separate Clock Domain, Separate
Power Supply
− 4-Channel (BGA) or 2-Channel (LQFP)
10-Bit Successive Approximation A/D
D IEEE Std 1149.1† (JTAG) Boundary Scan
Logic
D Packages:
− 144-Terminal Low-Profile Quad Flatpack
(LQFP) (PGE Suffix)
− 179-Terminal MicroStar BGA
 (Ball Grid
Array) (GHH Suffix)
− 179-Terminal Lead-Free MicroStar BGA
(Ball Grid Array) (ZHH Suffix)
D 1.2-V Core (108 MHz), 2.7-V – 3.6-V I/Os
D 1.35-V Core (144 MHz), 2.7-V – 3.6-V I/Os
D 1.6-V Core (200 MHz), 2.7-V – 3.6-V I/Os
All trademarks are the property of their respective owners.
TMS320C55x and MicroStar BGA are trademarks of Texas Instruments.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com