Electronic Components Datasheet Search
  English  ▼

X  

XRT7300 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT7300
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7300 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT7300 Datasheet HTML 17Page - Exar Corporation XRT7300 Datasheet HTML 18Page - Exar Corporation XRT7300 Datasheet HTML 19Page - Exar Corporation XRT7300 Datasheet HTML 20Page - Exar Corporation XRT7300 Datasheet HTML 21Page - Exar Corporation XRT7300 Datasheet HTML 22Page - Exar Corporation XRT7300 Datasheet HTML 23Page - Exar Corporation XRT7300 Datasheet HTML 24Page - Exar Corporation XRT7300 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
áç
áç
áç
áç
XRT7300
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.1.1
17
MICROPROCESSOR SERIAL INTERFACE TIMING (SEE FIGURE 9)
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
t21
CS Low to Rising Edge of SCLK Setup Time
50
ns
t22
CS High to Rising Edge of SCLK Hold Time
20
ns
t23
SDI to Rising Edge of SCLK Setup Time
50
ns
t24
SDI to Rising Edge of SCLK Hold Time
50
ns
t25
SCLK “Low” Time
240
ns
t26
SCLK “High” Time
240
ns
t27
SCLK Period
500
ns
t28
CS Low to Rising Edge of SCLK Hold Time
50
ns
t29
CS Inactive Time
250
ns
t30
Falling Edge of SCLK to SDO Valid Time
200
ns
t31
Falling Edge of SCLK to SDO Invalid Time
100
ns
t32
Falling Edge of SCLK or Rising Edge of CS to High Z
100
ns
t33
Rise/Fall time of SDO Output
40
ns
FIGURE 9. TIMING DIAGRAM FOR THE MICROPROCESSOR SERIAL INTERFACE
SDI
R/W
A1
A0
CS
SCLK
CS
SCLK
SDI
SDO
D0
D1
D2
D7
t22
t21
t23
t24
t25
t26
t27
t28
t29
t30
t31
t32
t33
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com