Electronic Components Datasheet Search
  English  ▼

X  

XRT7300 Datasheet(PDF) 41 Page - Exar Corporation

Part # XRT7300
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7300 Datasheet(HTML) 41 Page - Exar Corporation

Back Button XRT7300 Datasheet HTML 37Page - Exar Corporation XRT7300 Datasheet HTML 38Page - Exar Corporation XRT7300 Datasheet HTML 39Page - Exar Corporation XRT7300 Datasheet HTML 40Page - Exar Corporation XRT7300 Datasheet HTML 41Page - Exar Corporation XRT7300 Datasheet HTML 42Page - Exar Corporation XRT7300 Datasheet HTML 43Page - Exar Corporation XRT7300 Datasheet HTML 44Page - Exar Corporation XRT7300 Datasheet HTML 45Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
áç
áç
áç
áç
XRT7300
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.1.1
37
If the XRT7300 is operating in the HOST Mode:
Access the Microprocessor Serial Interface and write
a “1” into the LLB bit-field and a “0” into the RLB bit-
field in Command Register 4.
If the XRT7300 is operating in the Hardware
Mode:
The LLB input pin (pin 14) must be set to “High” and
the RLB input pin (pin 15) must be set to “Low”.
NOTES:
1. The Analog Local Loop-Back Mode does not work
if the transmitter is turned off via the TXOFF fea-
ture.
2. The XRT7300 automatically Declares an LOS Con-
dition anytime it has been configured to operate in
either the Analog Local Loop-Back or Digital Local
Loop-Back Modes. Consequently, the MUTing -
upon -LOS must be disabled prior to configuring
the device to operate in either of these local Loop-
Back modes.
4.2
THE DIGITAL LOCAL LOOP-BACK MODE
When the XRT7300 is configured to operate in the
Digital Local Loop-Back Mode, it ignores any signals
that are input to the RTIP and RRING input pins. The
Transmitting Terminal Equipment transmits clock and
data into the XRT7300 via the TPDATA, TNDATA and
TCLK input pins. This data is processed through the
Transmit Clock Duty Cycle Adjust PLL and the HDB3/
B3ZS Encoder block and then looped back to the
HDB3/B3ZS Decoder block.
Figure 29 illustrates the path that the data takes when
the chip is configured to operate in the Digital Local
Loop-Back Mode.
FIGURE 28. THE ANALOG LOCAL LOOP-BACK IN THE XRT7300
AGC/
Equalizer
Peak
Detector
LOS Detector
Slicer
Clock
Recovery
Data
Recovery
Invert
Loop MUX
HDB3/
B3ZS
Decoder
LOSTHR
SDI
SDO/LCV
SCLK
CS
REGRESET
RTIP
RRING
REQDIS
RCLK1
RCLK2
RPOS
RNEG
DECODIS
RLOS
LLB
RLB
ENCODIS
TAOS
TPDATA
TNDATA
TCLK
RLOL EXCLK
Device
Monitor
MTIP
MRING
Transmit
Logic
Duty Cycle Adjust
TXLEV
TXOFF
DMO
TTIP
TRING
Pulse
Shaping
HDB3/
B3ZS
Encoder
Serial
Processor
Interface
Analog Local
Loop-Back Path
COMMAND REGISTER CR4 (ADDRESS = 0X04)
D4
D3
D2
D1
D0
X
STS-1/DS3
E3
LLB
RLB
XX
X
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com