Electronic Components Datasheet Search
  English  ▼

X  

XRT7300 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT7300
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7300 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT7300 Datasheet HTML 35Page - Exar Corporation XRT7300 Datasheet HTML 36Page - Exar Corporation XRT7300 Datasheet HTML 37Page - Exar Corporation XRT7300 Datasheet HTML 38Page - Exar Corporation XRT7300 Datasheet HTML 39Page - Exar Corporation XRT7300 Datasheet HTML 40Page - Exar Corporation XRT7300 Datasheet HTML 41Page - Exar Corporation XRT7300 Datasheet HTML 42Page - Exar Corporation XRT7300 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
áç
áç
áç
áç
XRT7300
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.1.1
35
of the RPOS, RNEG and RCLK signals when the
RCLK signal has been inverted.
In order to configure the XRT7300 to invert the
RCLK1 output signal, the XRT7300 must be operat-
ing in the HOST Mode. This configuration can be im-
plemented by accessing the Microprocessor Serial
Interface block and writing a “1” into the RCLK1INV
bit-field in Command Register CR3 to invert RCLK1.
The RCLK2 output signal can also be inverted when
the XRT7300 is operating in the Hardware Mode by
setting the RCLK2INV input pin “High”.
3.7.1
Routing Single-Rail Format data (Binary
Data Stream) to the Receive Terminal Equipment
To route Single-Rail format data (e.g., a binary data
stream) from the Receive Section of the XRT7300 to
the Receiving Terminal Equipment, do the following:
A. configure the XRT7300 to operate in the HOST
Mode and
B. access the Microprocessor Serial Interface and
write a “1” into the RNRZ bit-field in Command
Register CR3.
After these steps are taken, the XRT7300 outputs
Single-Rail data to the Receiving Terminal Equipment
via the RPOS and RCLK1 (or RCLK2) output pins as
illustrated in Figure 26 and Figure 27.
NOTE: The RNEG output pin is internally tied to Ground
whenever this feature is enabled.
FIGURE 25. THE BEHAVIOR OF THE RPOS, RNEG AND RCLK1 SIGNALS WHEN RCLK1 IS INVERTED
RCLK1
RPOS
RNEG
COMMAND REGISTER CR3 (ADDRESS = 0X03)
D4
D3
D2
D1
D0
RNRZ
LOSMUT
CLK2DIS
RCLK2INV
RCLK1INV
XX
X
1
1
COMMAND REGISTER CR3 (ADDRESS = 0X03)
D4
D3
D2
D1
D0
RNRZ
LOSMUT CLK2DIS
RCLK2INV
RCLK1INV
1X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com