Electronic Components Datasheet Search
  English  ▼

X  

AD7682BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD7682BCPZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7682BCPZ Datasheet HTML 25Page - Analog Devices AD7682BCPZ Datasheet HTML 26Page - Analog Devices AD7682BCPZ Datasheet HTML 27Page - Analog Devices AD7682BCPZ Datasheet HTML 28Page - Analog Devices AD7682BCPZ Datasheet HTML 29Page - Analog Devices AD7682BCPZ Datasheet HTML 30Page - Analog Devices AD7682BCPZ Datasheet HTML 31Page - Analog Devices AD7682BCPZ Datasheet HTML 32Page - Analog Devices AD7682BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Data Sheet
AD7682/AD7689
Rev. H | Page 29 of 35
GENERAL TIMING WITH A BUSY INDICATOR
Figure 40 details the timing for all three modes: RDC, RAC, and
RSC. Note that the gating item for both CFG and data readback
is at EOC. The data access must occur up to safe data
reading/writing time, tDATA. If the full CFG word is not written
to prior to EOC, it is discarded and the current configuration
remains.
At the EOC, if CNV is low, the busy indicator enables. In
addition, to generate the busy indicator properly, the host must
assert a minimum of 17 SCK falling edges to return SDO to
high impedance because the last bit on SDO remains active.
Unlike the case detailed in the Read/Write Spanning
Conversion Without a Busy Indicator section, if the conversion
result is not read out fully prior to EOC, the last bit clocked out
remains. If this bit is low, the busy signal indicator cannot be
generated because the busy generation requires either a high
impedance or a remaining bit high-to-low transition. A good
example of this occurs when an SPI host sends 16 SCKs because
these are usually limited to 8-bit or 16-bit bursts; therefore,
the LSB remains. Because the transition noise of the AD7682/
AD7689 is 4 LSBs peak-to-peak (or greater), the LSB is low 50%
of the time. For this interface, the SPI host needs to burst
24 SCKs, or a QSPI interface can be used and programmed for
17 SCKs.
The SCK can idle high or low depending on the CPOL and
CPHA settings if SPI is used. A simple solution is to use CPOL =
CPHA = 1 (not shown) with SCK idling high.
From power-up, in any read/write mode, the first three conver-
sion results are undefined because a valid CFG does not take
place until the second EOC; thus, two dummy conversions are
required. Also, if the state machine writes the CFG during the
power-up state (RDC shown), the CFG register needs to be
rewritten again at the next phase. The first valid data occurs in
phase (n + 1) when the CFG register is written during phase
(n − 1).
ACQUISITION
(n – 1) UNDEFINED
ACQUISITION
(n)
ACQUISITION
(n + 1)
ACQUISITION
(n + 2)
PHASE
POWER
UP
EOC
EOC
START OF CONVERSION
(SOC)
EOC
EOC
CONVERSION
(n)
CONVERSION
(n + 1)
CONVERSION
(n – 2) UNDEFINED
tCONV
tCYC
tDATA
CNV
CNV
CNV
DIN
RDC
RAC
RSC
SDO
NOTES
1. CNV MUST BE LOW PRIOR TO THE END OF CONVERSION (EOC) TO GENERATE THE BUSY INDICATOR.
2. A TOTAL OF 17 SCK FALLING EDGES ARE REQUIRED TO RETURN SDO TO HIGH-Z. IF CFG READBACK IS ENABLED,
A TOTAL OF 31 SCK FALLING EDGES IS REQUIRED TO RETURN SDO TO HIGH-Z.
DIN
SDO
DATA (n + 1)
DATA (n)
DATA (n)
DATA (n)
DATA (n + 1)
DIN
CFG (n)
CFG (n + 2)
CFG (n + 1)
CFG (n + 3)
SDO
SCK
1
1
1
1
SCK
1
n
n + 1
17
17
17
17
17
17
17
17
1
n
n + 1
17
1
n
n + 1
17
SCK
1
1
1
1
1
XXX
NOTE 1
NOTE 1
NOTE 1
NOTE 2
NOTE 2
NOTE 2
CFG (n)
CFG (n + 1)
CFG (n + 2)
CFG (n)
CFG (n + 1)
CFG (n + 2)
CFG (n + 3)
CONVERSION
(n – 1) UNDEFINED
Figure 40. General Interface Timing for the AD7682/AD7689 With a Busy Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com