Electronic Components Datasheet Search
  English  ▼

X  

AD7983 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7983
Description  16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7983 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7983 Datasheet HTML 5Page - Analog Devices AD7983 Datasheet HTML 6Page - Analog Devices AD7983 Datasheet HTML 7Page - Analog Devices AD7983 Datasheet HTML 8Page - Analog Devices AD7983 Datasheet HTML 9Page - Analog Devices AD7983 Datasheet HTML 10Page - Analog Devices AD7983 Datasheet HTML 11Page - Analog Devices AD7983 Datasheet HTML 12Page - Analog Devices AD7983 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD7983
Data Sheet
Rev. B | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, REF = 5 V, VIO = 3.3 V, unless otherwise noted.
1.25
–1.25
0
65536
CODE
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
16384
32768
49152
POSITIVE INL: 0.30LSB
NEGATIVE INL: –0.37LSB
Figure 6. Integral Nonlinearity vs. Code
120k
0
7FB6
0
0
0
0
55
CODE IN HEX
100k
80k
60k
40k
20k
7FB7 7FB8 7FB9 7FBA 7FBB 7FBC 7FBD 7FBE 7FBF 7FC0 7FC1 7FC2
58
0
0
0
0
17590
16604
96765
Figure 7. Histogram of a DC Input at the Code Center
0
–180
0
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
100
200
300
400
500
600
fS = 1.33MSPS
fIN = 10kHz
SNR = 91.6dB
THD = –114.9dB
SFDR = 113.8dB
SINAD = 91.6dB
Figure 8. FFT Plot
1.00
–1.00
0
65536
CODE
16384
32768
49152
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
POSITIVE DNL: 0.14LSB
NEGATIVE DNL: –0.14LSB
Figure 9. Differential Nonlinearity vs. Code
80k
0
7FF7
CODE IN HEX
7FF8 7FF9 7FFA 7FFB 7FFC 7FFD 7FFE 7FFF 8000 8001 8002 8003
70k
60k
50k
40k
30k
20k
10k
829
0
0
0
0
0
0
0
0
0
1146
67532
61565
Figure 10. Histogram of a DC Input at the Code Transition
95
85
–10
0
INPUT LEVEL (dB of Full Scale)
–9
–8
–7
–6
–5
–4
–3
–2
–1
94
93
92
91
90
89
88
87
86
Figure 11. SNR vs. Input Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com