Electronic Components Datasheet Search
  English  ▼

X  

AD7983 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7983
Description  16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7983 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7983 Datasheet HTML 10Page - Analog Devices AD7983 Datasheet HTML 11Page - Analog Devices AD7983 Datasheet HTML 12Page - Analog Devices AD7983 Datasheet HTML 13Page - Analog Devices AD7983 Datasheet HTML 14Page - Analog Devices AD7983 Datasheet HTML 15Page - Analog Devices AD7983 Datasheet HTML 16Page - Analog Devices AD7983 Datasheet HTML 17Page - Analog Devices AD7983 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
AD7983
Rev. B | Page 13 of 24
Transfer Functions
The ideal transfer characteristic for the AD7983 is shown in
Figure 22 and Table 7.
000 ... 000
000 ... 001
000 ... 010
111 ... 101
111 ... 110
111 ... 111
–FSR
–FSR + 1LSB
–FSR + 0.5LSB
+FSR – 1 LSB
+FSR – 1.5 LSB
ANALOG INPUT
Figure 22. ADC Ideal Transfer Function
Table 7. Output Codes and Ideal Input Voltages
Analog Input
Description
VREF = 5 V
Digital Output Code (Hex)
FSR − 1 LSB
4.999924 V
FFFF1
Midscale + 1 LSB
2.500076 V
8001
Midscale
2.5 V
8000
Midscale − 1 LSB
2.499924 V
7FFF
−FSR + 1 LSB
76.3 μV
0001
−FSR
0 V
00002
1 This is also the code for an overranged analog input (VIN+ − VIN− above VREF − VGND).
2 This is also the code for an underranged analog input (VIN+ − VIN− below VGND).
TYPICAL CONNECTION DIAGRAM
Figure 23 shows an example of the recommended connection
diagram for the AD7983 when multiple supplies are available.
AD7983
3- OR 4-WIRE INTERFACE
2.5V
V+
20Ω
V+
V–
0 TO VREF
1.8V TO 5V
100nF
10µF2
2.7nF
4
100nF
REF
IN+
IN–
VDD
VIO
SDI
CNV
SCK
SDO
GND
REF1
1SEE THE VOLTAGE REFERENCE INPUT SECTION FOR REFERENCE SELECTION.
2CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
3SEE THE DRIVER AMPLIFIER CHOICE SECTION.
4OPTIONAL FILTER. SEE THE ANALOG INPUTS SECTION.
5SEE THE DIGITAL INTERFACE SECTION FOR THE MOST CONVENIENT INTERFACE MODE.
Figure 23. Typical Application Diagram with Multiple Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com