Electronic Components Datasheet Search
  English  ▼

X  

AD7983 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7983
Description  16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7983 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7983 Datasheet HTML 7Page - Analog Devices AD7983 Datasheet HTML 8Page - Analog Devices AD7983 Datasheet HTML 9Page - Analog Devices AD7983 Datasheet HTML 10Page - Analog Devices AD7983 Datasheet HTML 11Page - Analog Devices AD7983 Datasheet HTML 12Page - Analog Devices AD7983 Datasheet HTML 13Page - Analog Devices AD7983 Datasheet HTML 14Page - Analog Devices AD7983 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD7983
Data Sheet
Rev. B | Page 10 of 24
2.5
0
2.375
2.625
VDD VOLTAGE (V)
2.0
1.5
1.0
0.5
2.425
2.475
2.525
2.575
IVDD
IREF
IVIO
Figure 18. Operating Currents vs. Supply
2.5
0
–55
125
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
2.0
1.5
1.0
0.5
IVDD
IREF
IVIO
Figure 19. Operating Currents vs. Temperature
1.5
0.5
–55
125
TEMPERATURE (°C)
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–35
–15
5
25
45
65
85
105
IVDD + IVIO
Figure 20. Standby Currents vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com