Electronic Components Datasheet Search
  English  ▼

X  

AD7984 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7984
Description  18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7984 Datasheet HTML 5Page - Analog Devices AD7984 Datasheet HTML 6Page - Analog Devices AD7984 Datasheet HTML 7Page - Analog Devices AD7984 Datasheet HTML 8Page - Analog Devices AD7984 Datasheet HTML 9Page - Analog Devices AD7984 Datasheet HTML 10Page - Analog Devices AD7984 Datasheet HTML 11Page - Analog Devices AD7984 Datasheet HTML 12Page - Analog Devices AD7984 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD7984
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, REF = 5.0 V, VIO = 3.3 V.
Figure 6. Integral Nonlinearity vs. Code
Figure 7. Histogram of a DC Input at the Code Center
Figure 8. FFT Plot
Figure 9. Differential Nonlinearity vs. Code
Figure 10. Histogram of a DC Input at the Code Transition
Figure 11. SNR vs. Input Level
2.0
–2.0
0
262144
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
65536
131072
196608
POSITIVE INL: +1.07LSB
NEGATIVE INL: –0.73LSB
60k
0
1C
CODE IN HEX
50k
40k
30k
20k
10k
1D
1E
0
0
7
6
0
0
1F
326
20
21
22
23
24
25
326
26
27
28
5992
32350
55354
31003
5708
0
–180
0
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
100
200
300
400
500
600
fS = 1.33MSPS
fIN = 10kHz
SNR = 98.2dB
THD = –110.6dB
SFDR = 112.5dB
SINAD = 98.0dB
2.0
–2.0
0
262144
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
65536
131072
196608
POSITIVE DNL: +0.63LSB
NEGATIVE DNL: –0.34LSB
60k
0
1D
CODE IN HEX
50k
40k
30k
20k
10k
1E
1F
0
0
2
20
69
21
22
23
24
25
26
27
37
28
29
0
0
1801
1378
16593
14653
48273
48266
100
90
–10
0
INPUT LEVEL (dB of Full Scale)
99
98
97
96
95
94
93
92
91
–9
–8
–7
–6
–5
–4
–3
–2
–1
Rev. B | Page 8 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com