Electronic Components Datasheet Search
  English  ▼

X  

AD7984 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7984
Description  18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7984 Datasheet HTML 17Page - Analog Devices AD7984 Datasheet HTML 18Page - Analog Devices AD7984 Datasheet HTML 19Page - Analog Devices AD7984 Datasheet HTML 20Page - Analog Devices AD7984 Datasheet HTML 21Page - Analog Devices AD7984 Datasheet HTML 22Page - Analog Devices AD7984 Datasheet HTML 23Page - Analog Devices AD7984 Datasheet HTML 24Page - Analog Devices AD7984 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AD7984
Data Sheet
CS MODE, 4-WIRE WITH BUSY INDICATOR
This mode is usually used when a single AD7984 is connected
to an SPI-compatible digital host with an interrupt input and
when it is desired to keep CNV, which is used to sample the
analog input, independent of the signal used to select the data
reading. This independence is particularly important in
applications where low jitter on CNV is desired.
The connection diagram is shown in Figure 34, and the
corresponding timing is given in Figure 35.
With SDI high, a rising edge on CNV initiates a conversion,
selects the CS mode, and forces SDO to high impedance. In this
mode, CNV must be held high during the conversion phase and
the subsequent data readback. (If SDI and CNV are low, SDO is
driven low.) Prior to the minimum conversion time, SDI can be
used to select other SPI devices, such as analog multiplexers,
but SDI must be returned low before the minimum conversion
time elapses and then held low for the maximum possible
conversion time to guarantee the generation of the busy signal
indicator. When the conversion is complete, SDO goes from
high impedance to low impedance. With a pull-up on the SDO
line, this transition can be used as an interrupt signal to initiate
the data readback controlled by the digital host. The AD7984
then enters the acquisition phase and goes into standby mode.
The data bits are then clocked out, MSB first, by subsequent
SCK falling edges. The data is valid on both SCK edges. Although
the rising edge can be used to capture the data, a digital host
using the SCK falling edge allows a faster reading rate, provided
it has an acceptable hold time. After the optional 19th SCK
falling edge or SDI going high (whichever occurs first), SDO
returns to high impedance.
Figure 34. CS Mode, 4-Wire with Busy Indicator Connection Diagram
Figure 35. CS Mode, 4-Wire with Busy Indicator Serial Interface Timing
AD7984
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
IRQ
VIO
47kΩ
CS1
SDO
D17
D16
D1
D0
tDIS
SCK
1
2
3
17
18
19
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
SDI
CNV
tSSDICNV
tHSDICNV
Rev. B | Page 20 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com