Electronic Components Datasheet Search
  English  ▼

X  

AD1990ACPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD1990ACPZ
Description  Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1990ACPZ Datasheet(HTML) 5 Page - Analog Devices

  AD1990ACPZ Datasheet HTML 1Page - Analog Devices AD1990ACPZ Datasheet HTML 2Page - Analog Devices AD1990ACPZ Datasheet HTML 3Page - Analog Devices AD1990ACPZ Datasheet HTML 4Page - Analog Devices AD1990ACPZ Datasheet HTML 5Page - Analog Devices AD1990ACPZ Datasheet HTML 6Page - Analog Devices AD1990ACPZ Datasheet HTML 7Page - Analog Devices AD1990ACPZ Datasheet HTML 8Page - Analog Devices AD1990ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Technical Data
AD199x
Rev. PrA – 1/20/05 | Page 5 of 16
Table 2 DIGITAL TIMING (Guaranteed over -40°C to +85°C, AVDD = DVDD = 5.0V ± 10%, PVDDX =12V ± 10%, Non Overlap Time
tNOL = Shortest, See Table 6: Non-Overlap Time Settings)
Parameter
Min
Typ
Max
Units
Comments
tPDRP
500
ns
RST/PDN minimum low pulsewidth
tMPDL
5
µs
MUTE asserted to output initial response
tMUTEDLY
1
sec
RST/PDN high to MUTE high delay
tNOL
OUTL+/
OUTR+
OUTL-/
OUTR-
tNOL
Figure 2. Output Timing
OUTX
MUTE
tMPDL
tPST
tPST
tMPDL
Figure 3. Mute Timing
RESET
MUTE
tMUTEDLY
Figure 4. Reset to Mute Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com