Electronic Components Datasheet Search
  English  ▼

X  

AD1990ACPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD1990ACPZ
Description  Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1990ACPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1990ACPZ Datasheet HTML 4Page - Analog Devices AD1990ACPZ Datasheet HTML 5Page - Analog Devices AD1990ACPZ Datasheet HTML 6Page - Analog Devices AD1990ACPZ Datasheet HTML 7Page - Analog Devices AD1990ACPZ Datasheet HTML 8Page - Analog Devices AD1990ACPZ Datasheet HTML 9Page - Analog Devices AD1990ACPZ Datasheet HTML 10Page - Analog Devices AD1990ACPZ Datasheet HTML 11Page - Analog Devices AD1990ACPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD199x
Preliminary Technical Data
Rev. PrA – 1/20/05 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency (Hz)
0
2
4
6
8
10
12
14
16
18
20
–160
–140
–120
–100
–80
–60
–40
–20
0
POWER = 100mW
RL =6Ω
Figure 6. 1KHz, 100mW into a 6
Ω Load
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
12
14
16
18
20
Frequency (KHz)
POWER = 1W
RL =6Ω
Figure 7. 1KHz, 1W into a 6
Ω Load
-1 6 0
+0
-14 0
- 120
-10 0
-80
-60
-40
-20
0
2
6
8
1 0
12
1 4
16
1 8
2 0
F R E Q UE NC Y ( K H z)
POWER = 5W
RL =6Ω
4
Figure 8. 1KHz, 5W into a 6
Ω Load
-160
-140
-120
-100
-80
-60
-40
-20
0
02
4
6
8
10
12
14
16
18
20
FREQUENCY - KHz
POWER = 1W
RL =6Ω
Figure 9. 7KHz, 1W into a 6
Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com