Electronic Components Datasheet Search
  English  ▼

X  

AD1990ACPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD1990ACPZ
Description  Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1990ACPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1990ACPZ Datasheet HTML 8Page - Analog Devices AD1990ACPZ Datasheet HTML 9Page - Analog Devices AD1990ACPZ Datasheet HTML 10Page - Analog Devices AD1990ACPZ Datasheet HTML 11Page - Analog Devices AD1990ACPZ Datasheet HTML 12Page - Analog Devices AD1990ACPZ Datasheet HTML 13Page - Analog Devices AD1990ACPZ Datasheet HTML 14Page - Analog Devices AD1990ACPZ Datasheet HTML 15Page - Analog Devices AD1990ACPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD199x
Preliminary Technical Data
Rev. PrA – 1/20/05 | Page 14 of 16
OUTLINE DIMENSIONS
PIN 1
INDICATOR
TOP
VIEW
8.75
BSC SQ
9.00
BSC SQ
1
64
1
6
17
49
48
32
33
BOTTOM
VIEW
0.45
0.40
0.35
0.50 BSC
0.20 REF
12
ûMAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
7.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
4.85
4.70
4.55
SQ*
SEATING
PLANE
0.30
0.25
0.18
*COMPLIANT TO JEDEC STANDARDS MO-220-VMMD
EXCEPT FOR EXPOSED PAD DIMENSION
Figure 20. 64-Lead Frame Chip Scale Package (LFCSP)
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Table 6. Ordering Guide
Products
Package
Temperature
Power
Rating
Package Description
Package Outline
AD1990ACPZ
AD1992ACPZ
AD1994ACPZ
AD1996ACPZ
–40°C to +85°C
–40°C to +85°C
–40°C to +85°C
–40°C to +85°C
5W per channel
10W per channel
25W per channel
40W per channel
Lead Frame Chip Scale Package
Lead Frame Chip Scale Package
Lead Frame Chip Scale Package
Power Small Outline Package
CP-64
CP-64
CP-64
PSOP-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com