Electronic Components Datasheet Search
  English  ▼

X  

AX88615 Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88615
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615 Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88615 Datasheet HTML 2Page - ASIX Electronics Corporation AX88615 Datasheet HTML 3Page - ASIX Electronics Corporation AX88615 Datasheet HTML 4Page - ASIX Electronics Corporation AX88615 Datasheet HTML 5Page - ASIX Electronics Corporation AX88615 Datasheet HTML 6Page - ASIX Electronics Corporation AX88615 Datasheet HTML 7Page - ASIX Electronics Corporation AX88615 Datasheet HTML 8Page - ASIX Electronics Corporation AX88615 Datasheet HTML 9Page - ASIX Electronics Corporation AX88615 Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ASIX ELECTRONICS CORPORATION
6
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
2.0 Pin Description
2.0 Pin Description
The following terms describe the AX88615 pinout:
All pin names with the “/” suffix are asserted low.
I
=
Input
O
=
Output
I/O
=
Input /Output
2.1 MII/RMII interface for switch ports
2.1.1 Switch Port 0
Signal Name
Type
Pin No.
Description
STXEN0
O
87
Transmit Enable : Active HIGH. This output indicates that the packet
is being transmitted .If MII mode, TXEN0 is synchronous to
STXCLK0. If RMII mode, TXEN0 is synchronous to REF_CLK.
STXD0[3:0]
O
91,90,89,88
Transmit Data : STXD0[3:0] is synchronous to the rising edge of
STXCLK0 in MII mode. For each STXCLK period in which STXEN is
asserted, TXD[3:0] are accepted for transmission by the PHY.
If RMII mode, STXD0[1:0] is synchronous to REF_CLK. TXD0[1:0]
shall be “00” to indicate idle when TX_EN is disserted. Value that is not
“00” is reserved for out-of-band signaling and shall be ignored by PHY.
When TX_EN is asserted, TXD[1:0] are accepted for transmission by
PHY
STXCLK0
I
93
Transmit Clock : Provides the timing reference for the STXEN0,
STXD0 signals in MII mode. STXCLK0 frequency is one fourth of the
data rate (25 MHz for 100Mbps, 2.5 MHz for 10Mbps).
SDUPLEX0
I
94
Duplex Select : DUPLEX0 is not standard MII/RMII signal. This input
is connected to PHY directly to obtain the current data rate of Port0.
SCOL_SP0
I
97
Collision Detect: Active HIGH. Indicates a collision has been detected
on wire in MII mode. This input is not synchronous to any clock and
ignored in full-duplex mode
If RMII mode, the signal is a speed indicator. Active for 10Mbps speed
is selected depending on power on configuration.
SCRS0
or
SCRS_DV0
I
96
Carrier Sense : Active HIGH. Indicates that either the transmit or
receive medium is non-idle in MII mode. SCRS0 is not synchronous to
any clock.
When RMII mode, the input is CRS_DV (Carrier Sense/Receive Data
Valid ) that is asserted asynchronously on detection of carrier by the
PHY when receive medium is non-idle. Loss of carrier shall result in
the desertion of CRS_DV synchronous to the cycle of REF_CLK, which
presents the first DI-bit of a nibble on to RXD0[1:0].
SRXDV0
I
98
Receive Data Valid : Active HIGH. Indicates that valid data is present
on the SRXD0 lines. Synchronous to SRXCLK0.
SRXCLK0
I
104
Receive Clock : Provides the timing reference for the SRXDV0,
SRXD0 signals in MII mode. STXCLK0 frequency is one fourth of the
data rate (25 MHz for 100Mbps, 2.5 MHz for 10Mbps).
SRXD0[3:0]
I
114,113,
111,110
Receive Data : Synchronously to the rising edge of RXCLK in MII
mode.
If RMII mode, SRXD0[1:0] is synchronous to REF_CLK. SRXD0[1:0]
shall be “00” to indicate idle when CRS_DV is disserted. Value that is
not “00” is reserved for out-of-band signaling shall be ignored by MAC
Upon assertion of CRS_DV, PHY shall ensure that RXD[1:0] = “00”
until proper receive decoding takes place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com