Electronic Components Datasheet Search
  English  ▼

X  

AX88615 Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88615
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615 Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88615 Datasheet HTML 5Page - ASIX Electronics Corporation AX88615 Datasheet HTML 6Page - ASIX Electronics Corporation AX88615 Datasheet HTML 7Page - ASIX Electronics Corporation AX88615 Datasheet HTML 8Page - ASIX Electronics Corporation AX88615 Datasheet HTML 9Page - ASIX Electronics Corporation AX88615 Datasheet HTML 10Page - ASIX Electronics Corporation AX88615 Datasheet HTML 11Page - ASIX Electronics Corporation AX88615 Datasheet HTML 12Page - ASIX Electronics Corporation AX88615 Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ASIX ELECTRONICS CORPORATION
9
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
2.2 LED Display
Signal Name
Type Pin No.
Description
LED[1:0]
O
85, 84
SSRAM Fail / Buffer Memory Utilization LED :
v As utilization of buffer memory
The buffer utilization of switch uses the following definition:
1: Led off
0: Led on
For detail , see the LED timing specification.
v SSRAM Fail
LED[0] : This signal also indicates SRAM chip 0 fail ( continue active low )
during the interval of sequence shift data.
LED[1] : This signal also indicates SRAM chip 1 fail ( continue active low )
during the interval of sequence shift data.
LED_CK
O
86
LED Clock : The signal is a discontinue clock for LED signals serial shift
out. The clock period width is 400nS and last 32 cycle with every 52.4ms
repeated.
2.3 Buffer memory pins group
Signal Name
Type Pin No.
Description
BMA[16:0]
O
197–201
16,17
170,166
143,142
23-18
SSRAM Address Bus
BMD[31:24]
BMD[23:16]
BMD[15:8]
BMD[7:0]
I/O
24, 26-32
133-138
140, 141
171-173
175-179
180,
188-194
SSRAM Data Bus
/BMWE
O
158
SSRAM Write Strobe
/BMOE
O
159
SSRAM Read Strobe
BMCLK
O
72
SSRAM CLOCK
Utilization (%)
UTI0
UTI1
UTI2
UTI3
UTI4
UTI5
0
1
1
1
1
1
1
10
0
1
1
1
1
1
20
0
0
1
1
1
1
40
0
0
0
1
1
1
60
0
0
0
0
1
1
80
0
0
0
0
0
1
95
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com