Electronic Components Datasheet Search
  English  ▼

X  

SH260 Datasheet(PDF) 1 Page - TALEMA Group. LLC

Part # SH260
Description  inductors for national 260kHz simple switcher
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [TALEMA Group. LLC]
Direct Link  http://www.talema.com
Logo TALEMA - TALEMA Group. LLC

SH260 Datasheet(HTML) 1 Page - TALEMA Group. LLC

  SH260 Datasheet HTML 1Page - TALEMA Group. LLC SH260 Datasheet HTML 2Page - TALEMA Group. LLC SH260 Datasheet HTML 3Page - TALEMA Group. LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SH260 Series
•
Inductors for National's 260kHz Simple SwitcherTM
r
e
b
m
u
N
t
r
a
P
l
a
n
o
i
t
a
N
t
r
a
P
r
e
b
m
u
N
d
e
t
a
R
t
n
e
r
r
u
C
I
( C
D )
e
c
n
a
t
c
u
d
n
l
)
H
µ
(
%
0
2
±
T
E
P
O
)
c
e
S
µ
-
V
(
@
.
x
a
M
z
H
k
0
6
2
R
C
D
l
a
n
i
m
o
N
)
m
h
O
m
(
e
z
i
S
e
g
a
k
c
a
P
e
g
a
k
c
a
P
e
d
o
C
.
a
i
D
d
a
e
L
)
m
m
(
3
2
-
9
.
4
-
C
0
6
2
H
S
1
4
L
-
X
7
6
2
M
L
9
.
4
8
.
2
2
3
.
3
2
6
3
3
C
0
8
.
0
0
1
-
3
.
4
-
C
0
6
2
H
S5
4
L
-
X
7
6
2
M
L3
.
42
.
0
10
.
0
16
21
C5
7
.
0
5
1
-
0
.
5
-
C
0
6
2
H
S
6
4
L
-
X
7
6
2
M
L
0
.
5
8
.
4
1
0
.
7
1
3
2
2
C
0
8
.
0
0
1
-
0
.
5
-
C
0
6
2
H
S7
4
L
-
X
7
6
2
M
L0
.
50
10
.
3
15
22
C5
7
.
0
0
5
-
0
.
5
-
C
0
6
2
H
S
8
4
L
-
X
7
6
2
M
L
0
.
5
0
5
0
.
0
4
0
5
4
C
0
9
.
0
3
3
-
0
.
5
-
C
0
6
2
H
S9
4
L
-
X
7
6
2
M
L0
.
53
30
.
6
37
44
C0
8
.
0
3
2
-
0
.
5
-
C
0
6
2
H
S
0
5
L
-
X
7
6
2
M
L
0
.
5
3
2
0
.
4
2
6
2
3
C
0
8
.
0
3
2
-
9
.
4
-
S
0
6
2
H
S1
4
L
-
X
7
6
2
M
L9
.
48
.
2
23
.
3
26
3A
6
H
S-
0
1
-
3
.
4
-
S
0
6
2
H
S
5
4
L
-
X
7
6
2
M
L
3
.
4
0
1
0
.
0
1
6
2
4
S
-
5
1
-
0
.
5
-
S
0
6
2
H
S6
4
L
-
X
7
6
2
M
L0
.
55
10
.
7
17
25
S-
0
1
-
0
.
5
-
S
0
6
2
H
S
7
4
L
-
X
7
6
2
M
L
0
.
5
1
1
0
.
3
1
5
2
5
S
-
0
5
-
0
.
5
-
S
0
6
2
H
S8
4
L
-
X
7
6
2
M
L0
.
5*
2
50
.
0
45
27
C
H
S-
3
3
-
0
.
5
-
S
0
6
2
H
S
9
4
L
-
X
7
6
2
M
L
0
.
5
*
6
3
0
.
6
3
9
1
7
C
H
S
-
3
2
-
0
.
5
-
S
0
6
2
H
S0
5
L
-
X
7
6
2
M
L0
.
5*
7
.
4
20
.
4
23
17
C
H
S-
3
2
-
9
.
4
-
T
0
6
2
H
S
1
4
L
-
X
7
6
2
M
L
9
.
4
8
.
2
2
3
.
3
2
6
3
A
6
H
T
-
0
1
-
3
.
4
-
T
0
6
2
H
S5
4
L
-
X
7
6
2
M
L3
.
40
10
.
0
16
24
T-
5
1
-
0
.
5
-
T
0
6
2
H
S
6
4
L
-
X
7
6
2
M
L
0
.
5
5
1
0
.
7
1
7
2
2
F
-
0
1
-
0
.
5
-
T
0
6
2
H
S7
4
L
-
X
7
6
2
M
L0
.
51
10
.
3
15
22
F-
* Note: Series connection with pins 2 - 4 connected
Type SH260C - Clip Mount
t
r
a
P
r
e
b
m
u
N
e
z
i
S
e
d
o
C
)
5
2
.
0
±
m
m
(
1
0
.
0
±
s
e
h
c
n
I
-
s
n
o
i
s
n
e
m
i
D
CD
E
D
O
li
o
C+
D
O
li
o
C
=
X
0
1
-
3
.
4
-
C
0
6
2
H
S
1
C
0
8
5
.
0
)
3
7
.
4
1
(
0
4
3
.
0
)
4
6
.
8
(
0
2
2
.
0
)
8
5
.
5
(
5
0
6
.
0
)
0
4
.
5
1
(
0
1
1
.
0
)
0
8
.
2
(
5
1
-
0
.
5
-
C
0
6
2
H
S
2
C
0
5
6
.
0
5
.
6
1
(
0)
9
4
4
.
0
4
.
1
1
(
0)
9
9
2
.
0
)
0
6
.
7
(
0
4
6
.
0
)
6
2
.
6
1
(
0
1
1
.
0
)
0
8
.
2
(
0
1
-
0
.
5
-
0
6
2
H
S
2
C
0
5
6
.
0
)
0
5
.
6
1
(
9
4
4
.
0
)
0
4
.
1
1
(
9
9
2
.
0
)
0
6
.
7
(
0
9
5
.
0
)
0
0
.
5
1
(
0
1
1
.
0
)
0
8
.
2
(
3
2
-
9
.
4
-
C
0
6
2
H
S
3
2
-
0
.
5
-
C
0
6
2
H
S
3
C
7
2
8
.
0
)
0
0
.
1
2
(
9
4
4
.
0
)
0
4
.
1
1
(
9
9
2
.
0
)
0
6
.
7
(
0
4
8
.
0
)
4
3
.
1
2
(
0
1
1
.
0
)
0
8
.
2
(
0
5
-
0
.
5
-
C
0
6
2
H
S
3
3
-
0
.
5
-
C
0
6
2
H
S
4
C
9
4
9
.
0
)
0
1
.
4
2
(
8
9
5
.
0
)
0
2
.
5
1
(
9
4
4
.
0
)
0
4
.
1
1
(
0
4
2
.
1
)
0
5
.
1
3
(
0
1
1
.
0
)
0
8
.
2
(
Talema Group
•
Magnetic Components
•
www.talema.com
1/2
c
C
X
0.138
(3.50)
Suggested Pad
Layout
0.071
(1.80)
0.047
(1.20)
E
E
D
TALEMA IN
Date Code
SHC-XX-XX
Schematic
1
2
Electrical Specifications @25°C
Test frequency: Inductance measured @20KHz / 10mV
Test voltage between windings: 500Vrms
Operating temperature range: -40°C to +125°C
Climatic Category: IEC68-1 40/125/56
Compatible with National Semiconductor's Simple SwitcherTM
Part Numbers LM267X-L41 and LM267X-L45 through LM267X-L50
Features
• High energy storage with minimum saturation
• High stability from no load to full load
• Available in both SMD and THT versions
• Manufactured in ISO 9001:2008, ISO/TS16949:2009
and ISO 14001:2004 certified Talema facility
• Meets lead free reflow level J-STD-020C
• Fully RoHS & REACH Compliant


Similar Part No. - SH260

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SH26 BILIN-SH26 Datasheet
537Kb / 4P
Schottky Barrier Rectifiers
SH26A BILIN-SH26A Datasheet
488Kb / 4P
Schottky Barrier Rectifiers
SH26BF BILIN-SH26BF Datasheet
382Kb / 4P
Schottky Barrier Rectifiers
Rev.B
SH26F BILIN-SH26F Datasheet
386Kb / 4P
Schottky Barrier Rectifiers
More results

Similar Description - SH260

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6985 FILTRAN-6985 Datasheet
61Kb / 1P
Inductors National?셲 150 KHz SIMPLE SWITCHER
logo
Pulse A Technitrol Comp...
PE-53933SNLT PULSE-PE-53933SNLT Datasheet
97Kb / 2P
Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53112NL PULSE-PE-53112NL Datasheet
630Kb / 2P
Inductors Designed for National?셲 50 kHz Simple Switcher?
SPM2007 PULSE-SPM2007_46 Datasheet
173Kb / 2P
Toroid - Designed for Nationals 260kHz Simple Switcher
PE-52629 PULSE-PE-52629 Datasheet
373Kb / 2P
inductors designed for national?셲 50 kHz simple switcher
P0849 PULSE-P0849 Datasheet
126Kb / 2P
Toroid - Designed for National?셲 260kHz Simple Switcher
PE-53801NL PULSE-PE-53801NL Datasheet
97Kb / 2P
Toroid - Designed for National?셲 150kHz Simple Switcher
P596 PULSE-P596 Datasheet
381Kb / 2P
Inductors Designed for National?셲 50 kHz Simple Switcher
logo
RENCO ELECTRONICS, INC.
RL-1950 RENCO-RL-1950 Datasheet
1Mb / 2P
NATIONAL SEMICONDUCTOR SIMPLE SWITCHER APPLICATIONS
RL-1954 RENCO-RL-1954 Datasheet
1Mb / 3P
NATIONAL SEMICONDUCTOR SIMPLE SWITCHER APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com