Electronic Components Datasheet Search
  English  ▼

X  

SH260 Datasheet(PDF) 2 Page - TALEMA Group. LLC

Part # SH260
Description  inductors for national 260kHz simple switcher
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [TALEMA Group. LLC]
Direct Link  http://www.talema.com
Logo TALEMA - TALEMA Group. LLC

SH260 Datasheet(HTML) 2 Page - TALEMA Group. LLC

  SH260 Datasheet HTML 1Page - TALEMA Group. LLC SH260 Datasheet HTML 2Page - TALEMA Group. LLC SH260 Datasheet HTML 3Page - TALEMA Group. LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mounting Styles • SH260 Series • Low Cost Toroidal Inductors
Talema Group
•
Magnetic Components
•
www.talema.com
Type SH260F - Flat Mount - Size F2
Type T4 & TH6A - Through Hole Mount
g
n
it
n
u
o
M
e
l
y
t
S
e
z
i
S
e
d
o
C
)
5
2
.
0
±
m
m
(
0
1
0
.
0
±
s
e
h
c
n
I
-
s
n
o
i
s
n
e
m
i
D
AB
C
D
E
"
S
"
D
M
S
4
S
1
9
5
.
0
)
0
.
5
1
(
4
1
6
.
0
)
6
.
5
1
(
4
9
3
.
0
)
0
.
0
1
(
8
0
5
.
0
)
9
.
2
1
(
1
5
5
.
0
)
0
.
4
1
(
5
S
9
6
6
.
0
)
0
.
7
1
(
1
0
7
.
0
)
8
.
7
1
(
1
4
4
.
0
)
2
.
1
1
(
1
9
5
.
0
)
0
.
5
1
(
0
3
6
.
0
)
0
.
6
1
(
A
6
H
S
5
2
9
.
0
)
5
.
3
2
(
7
5
9
.
0
)
3
.
4
2
(
7
1
4
.
0
)
6
.
0
1
(
7
2
8
.
0
)
0
.
1
2
(
8
4
7
.
0
)
0
.
9
1
(
"
T
"
T
H
T
4
T
1
9
5
.
0
)
0
.
5
1
(
4
1
6
.
0
)
6
.
5
1
(
8
5
3
.
0
)
0
1
.
9
(
0
0
3
.
0
)
2
6
.
7
(
0
0
5
.
0
)
0
7
.
2
1
(
A
6
H
T
5
2
9
.
0
)
5
.
3
2
(
7
5
9
.
0
)
3
.
4
2
(
6
8
3
.
0
)
0
8
.
9
(
0
5
6
.
0
)
1
5
.
6
1
(
0
0
8
.
0
)
2
3
.
0
2
(
Type SHC7 - Surface Mount
Suggested
Pad Layout
Schematic
4
3
1
2
1.220
30.99
1.000
25.40
1.100
27.94
1.100
27.94
0.600
15.24
0.480
12.20
Surface Coplanarity will be <0.005(0.13)
4
3
1
2
Type S4, S5, SH6A - Surface Mount
Surface Coplanarity will be <0.005(0.13)
Suggested
Pad Layout
C
Pad
Width
S1 - S5
0.059
(1.50)
S6
0.079
(2.00)
E
D
Schematic
1
2
D
A
B
2
1
D
Suggested Board Layout
(Top Side View)
0.059
(1.50)
0.035
(0.90)
Schematic
1
2
D
A
B
E
1
2
C
E
Ø 0.024 x 0.138
(Ø 0.60 x 3.50)
0.591
(15.0)
0.69
(17.5)
0.394
(10.0)
Suggested Board Layout
(Top Side View)
0.071
(1.80)
0.043
(1.10)
0.394
(10.0)
0.591
(15.0)
Schematic
1
2
0.67
(17.0)
0.49
(12.5)
TALEMA IN
Date Code
SH260F-XX-XXX
0.138±0.01
(3.5 ±0.3)
0.394
(10.0)
0.024
(Ø0.60)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com