Electronic Components Datasheet Search
  English  ▼

X  

SH260 Datasheet(PDF) 3 Page - TALEMA Group. LLC

Part # SH260
Description  inductors for national 260kHz simple switcher
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [TALEMA Group. LLC]
Direct Link  http://www.talema.com
Logo TALEMA - TALEMA Group. LLC

SH260 Datasheet(HTML) 3 Page - TALEMA Group. LLC

  SH260 Datasheet HTML 1Page - TALEMA Group. LLC SH260 Datasheet HTML 2Page - TALEMA Group. LLC SH260 Datasheet HTML 3Page - TALEMA Group. LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Regional Locations - Design, Manufacturing, Sales & Marketing
05/17
Talema Group
•
Magnetic Components
•
www.talema.com
Locations of Talema Group Regional Offices
Administrative Office
Talema Electronic India Private Limited
Door No. 221, 1st and 2nd Floor
KJ Plaza, Opp.to Vidya Mandir School
Meyanur Main Road
Salem - 636 004 Tamil Nadu INDIA.
Tel: +91 427 - 243 3100
Fax: +91 427 - 243 3109
E-Mail: talema@talemaindia.net
Web: www.talema.com
Talema Group, LLC
PO Box 935
900 Innovation Drive
Suite 120, Rolla
Missouri 65402
Tel: +1 573-303-3675
E-Mail:
sales@talemagroup.com
Web: www.talema.com
Talema Group Regional Offices
Czech Republic
(Design, Manufacturing, Sales & Marketing)
NT Magnetics s.r.o.
Chebská 27
322 00 Plzeñ
Tel: +420 377 - 338 351
Fax: +420 377 - 338 350
E-Mail: talema@talema.cz
Web: www.ntmagnetics.cz
Germany
(Design, Sales & Marketing)
Talema Elektronik GmbH
Sembdnerstr. 5
82110 Germering
Tel: +49 89 - 841 00 - 0
Fax: +49 89 - 841 00 25
E-Mail: info@talema.de
Web: www.talema.com
Ireland
(Design, Sales & Marketing)
Nuvotem TEO
Units W & X, Gweedore Business Park
Derrybeg, Letterkenny, Co. Donegal
Tel: +353 (0) 74 95 48666
Fax: +353 (0) 74 95 48139
E-Mail: info@nuvotem.com
Web: www.nuvotem.com
Europe
Asia
India
(Design, Manufacturing, Sales & Marketing)
Factory Premises
Talema Electronic India Private Limited
No. 31 & 31, Electronic Industrial Estate
Suramangalam Post
Salem - 636 005 Tamil Nadu INDIA
Tel: +91 427 - 243 3000
E-Mail: talema@talemaindia.net
Web: www.talema.com
North America
United States
(Sales & Marketing)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com