Electronic Components Datasheet Search
  English  ▼

X  

AD7763 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7763
Description  Sigma-Delta ADC with On-Chip Buffers, Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7763 Datasheet HTML 16Page - Analog Devices AD7763 Datasheet HTML 17Page - Analog Devices AD7763 Datasheet HTML 18Page - Analog Devices AD7763 Datasheet HTML 19Page - Analog Devices AD7763 Datasheet HTML 20Page - Analog Devices AD7763 Datasheet HTML 21Page - Analog Devices AD7763 Datasheet HTML 22Page - Analog Devices AD7763 Datasheet HTML 23Page - Analog Devices AD7763 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Data Sheet
AD7763
Rev. B | Page 19 of 32
CLOCKING THE AD7763
The AD7763 requires an external, low jitter clock source. This
signal is applied to the MCLK pin, and the MCLKGND pin is
used to sense the ground from the clock source. An internal
clock signal (ICLK) is derived from the MCLK input signal.
The ICLK controls the internal operations of the AD7763. The
maximum ICLK frequency is 20 MHz, but due to an internal
clock divider, a range of MCLK frequencies can be used. There
are two ways to generate the ICLK:
ICLK = MCLK (CDIV = 1)
ICLK = MCLK/2 (CDIV = 0)
This option is pin selectable (Pin 58). On power-up, the default
is ICLK = MCLK/2 to ensure that the part can handle the maxi-
mum MCLK frequency of 40 MHz. For output data rates equal to
those used in audio systems, a 12.288 MHz ICLK frequency can
be used. As shown in Table 6, output data rates of 192 kHz, 96 kHz,
and 48 kHz are achievable with this ICLK frequency. As mentioned
previously, this ICLK frequency can be derived from different
MCLK frequencies.
The MCLK jitter requirements depend on a number of factors
and are determined by
20
)
dB
(
)
(
10
2
SNR
IN
rms
j
f
OSR
t
×
×
π
×
=
Where:
OSR = oversampling ratio =
ODR
fICLK .
fIN = maximum input frequency.
SNR(dB) = target SNR.
EXAMPLE 1
This example is taken from Table 6, where:
ODR = 625 kHz.
fICLK = 20 MHz.
fIN (maximum) = 250 kHz.
SNR = 108 dB.
ps
6
.
3
10
10
250
2
32
6
3
)
(
=
×
×
×
×
=
π
rms
j
t
This is the maximum allowable clock jitter for a full-scale,
250 kHz input tone with the given ICLK and output data rate.
EXAMPLE 2
Following is a second example from Table 6, where:
ODR = 48 kHz.
fICLK = 12.288 MHz.
fIN (maximum) = 19.2 kHz.
SNR = 120 dB.
ps
133
10
10
2
.
19
2
256
6
3
)
(
=
×
×
×
π
×
=
rms
j
t
The input amplitude also has an effect on these jitter figures.
If, for example, the input level is 3 dB below full scale, the allowable
jitter is increased by a factor of √2, increasing the first example
to 2.53 ps rms. This happens when the maximum slew rate is
decreased by a reduction in amplitude. Figure 29 and Figure 30
illustrate this point, showing the maximum slew rate of a sine
wave of the same frequency but with different amplitudes.
1.0
–1.0
0.5
0
–0.5
Figure 29. Maximum Slew Rate of Sine Wave with Amplitude of 2 V p-p
1.0
–1.0
0.5
0
–0.5
Figure 30. Maximum Slew Rate of Same Frequency Sine Wave
with Amplitude of 1 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com