Electronic Components Datasheet Search
  English  ▼

X  

AD7763 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7763
Description  Sigma-Delta ADC with On-Chip Buffers, Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7763 Datasheet HTML 25Page - Analog Devices AD7763 Datasheet HTML 26Page - Analog Devices AD7763 Datasheet HTML 27Page - Analog Devices AD7763 Datasheet HTML 28Page - Analog Devices AD7763 Datasheet HTML 29Page - Analog Devices AD7763 Datasheet HTML 30Page - Analog Devices AD7763 Datasheet HTML 31Page - Analog Devices AD7763 Datasheet HTML 32Page - Analog Devices AD7763 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Data Sheet
AD7763
Rev. B | Page 29 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-ACD-HD
49
64
1
17
16
32
33
48
49
64
17
1
16
32
33
48
0.50
BSC
LEAD PITCH
6.00
BSC SQ
12.20
12.00 SQ
11.80
10.20
10.00 SQ
9.80
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
7°
3.5°
0°
0.15
0.05
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
1.05
1.00
0.95
0.20
0.09
VIEW A
TOP VIEW
(PINS DOWN)
PIN 1
1.20
MAX
SEATING
PLANE
0.75
0.60
0.45
1.00 REF
0.27
0.22
0.17
BOTTOM VIEW
(PINS UP)
EXPOSED
PAD
Figure 39. 64-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
(SV-64-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD7763BSVZ
−40°C to +85°C
64-Lead Thin Quad Flat Package, Exposed Pad (TQFP_EP)
SV-64-2
AD7763BSVZ-REEL
−40°C to +85°C
64-Lead Thin Quad Flat Package, Exposed Pad (TQFP_EP)
SV-64-2
EVAL-AD7763EDZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com