Electronic Components Datasheet Search
  English  ▼

X  

AD7763 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7763
Description  Sigma-Delta ADC with On-Chip Buffers, Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7763 Datasheet HTML 18Page - Analog Devices AD7763 Datasheet HTML 19Page - Analog Devices AD7763 Datasheet HTML 20Page - Analog Devices AD7763 Datasheet HTML 21Page - Analog Devices AD7763 Datasheet HTML 22Page - Analog Devices AD7763 Datasheet HTML 23Page - Analog Devices AD7763 Datasheet HTML 24Page - Analog Devices AD7763 Datasheet HTML 25Page - Analog Devices AD7763 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Data Sheet
AD7763
Rev. B | Page 21 of 32
Sampling Switch SS1 and Sampling Switch SS3 are driven by ICLK,
whereas Sampling Switch SS2 and Sampling Switch SS4 are driven
by ICLK. When ICLK is high, the analog input voltage is connected
to CS1. On the falling edge of ICLK, the SS1 and SS3 switches open,
and the analog input is sampled on CS1. Similarly, when ICLK
is low, the analog input voltage is connected to CS2. On the
rising edge of ICLK, the SS2 and SS4 switches open, and the
analog input is sampled on CS2.
Capacitor CPA, Capacitor CPB1, and Capacitor CPB2 represent
parasitic capacitances that include the junction capacitances
associated with the MOS switches.
Table 11. Equivalent Component Values
Mode
CS1
CS2
CPA
CPB1/CPB2
Normal
51 pF
51 pF
12 pF
20 pF
Low Power
13 pF
13 pF
12 pF
5 pF
USING THE AD7763
Following is the recommended sequence for powering up and
using the AD7763.
1. Apply power.
2. Start clock oscillator, applying MCLK.
3. Take RESET low for a minimum of 1 MCLK cycle.
4. Wait a minimum of 2 MCLK cycles after RESET has been
released.
5. Write to Control Register 2 to power up the ADC and the
differential amplifier, as required.
6. Write to Control Register 1 to set up the output data rate.
7. In circumstances where multiple parts are being
synchronized, a SYNC pulse must be applied to the parts;
otherwise, no SYNC pulse is required.
The following are conditions for applying the SYNC pulse:
• The issuing of a SYNC pulse to the part must not coincide
with a write to the part.
• The SYNC pulse should be applied a minimum
of 2.5 ICLK cycles after the FSI signal for the previous write
to the part has returned to logic high.
• Ensure that the SYNC pulse is taken low for a minimum of
2.5 ICLK cycles.
Data can now be read from the part using the default filter,
offset, gain, and overrange threshold values. The conversion
data read is not valid, however, until the settling time of the
filter has passed. When this has occurred, the DVALID bit read
is set, indicating that the data is indeed valid.
The user can then download a user-defined filter, if required
(see Downloading a User-Defined Filter). Values for gain, offset,
and overrange threshold registers can also be written or read at
this stage.
BIAS RESISTOR SELECTION
The AD7763 requires a resistor to be connected between the
RBIAS pin and AGND. The value for this resistor is dependent on
the reference voltage being applied to the device. The resistor
value should be selected to give a current of 25 µA through the
resistor to ground. For a 2.5 V reference voltage, the correct
resistor value is 100 kΩ; for a 4.096 V reference voltage, the
correct resistor value is 160 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com