Electronic Components Datasheet Search
  English  ▼

X  

PE4036 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE4036
Description  SMA Male Connector Solder Attachment
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4036 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE4036 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Assembly Instruction
STRIP CABLE TO THE DIMENSIONS SHOWN, DO NOT NICK
1.
CENTER CONDUCTOR OR BRAID.
PUSH CENTER CONDUCTOR FULLY INTO CONTACT AND
2.
SOLDER, REMOVE ANY EXCESS SOLDER.
FLARE BRAID AND INSERT CONTACT INTO THE BODY UNTIL
3.
IT SEATS.
SLIDE FERRULE OVER BRAID AND CRIMP WITH CRIMP TOOL.
4.
ASSEMBLY PROCEDURES
CRIMP SIZE REQUIRED
CONTACT: SOLDER.
•
FERRULE: .138 [3.5] HEX CRIMP TOOL.
•
.224
5.70
.374
9.50
.098
2.50
PE4036 REV 1.4
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment for RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch PE4036
RF Connectors Technical Data Sheet
PE4036
SMA Male Connector Solder Attachment for RG174, RG316,
RG188, LMR-100, PE-B100, PE-C100, 0.100 inch



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com