Electronic Components Datasheet Search
  English  ▼

X  

PE4036 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4036
Description  SMA Male Connector Solder Attachment
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4036 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4036 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, .100 inch Interface Type
• Solder/Solder Attachment
• 5/16 inch Hex
Features
• Max. Operating Frequency 3 GHz
• Excellent VSWR of 1.21:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4036 SMA male connector with solder/solder attachment for RG174, RG316, RG188, LMR-100, PE-B100,
PE-C100 and .100 inch is part of our full line of RF components available for same-day shipping. Our SMA male connector
operates up to a maximum frequency of 3 GHz and offers excellent VSWR of 1.21:1.
Our SMA male connector PE4036 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.21:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
0.82 in [20.83 mm]
Width/Dia.
0.315 in [8.00 mm]
.
Weight
0.013 lbs [5.9 g]
.
Mating Torque
3 to 5 in-lbs [0.34 to 0.57 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment for RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch PE4036
PE4036 REV 1.4
SMA Male Connector Solder Attachment for RG174, RG316,
RG188, LMR-100, PE-B100, PE-C100, 0.100 inch
RF Connectors Technical Data Sheet
PE4036


Similar Part No. - PE4036

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4036 PASTERNACK-PE4036 Datasheet
357Kb / 3P
SMA Male Connector Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE4036

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4005 PASTERNACK-PE4005_16 Datasheet
380Kb / 3P
SMA Male Connector Solder Attachment
PE4027 PASTERNACK-PE4027_16 Datasheet
359Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4037 PASTERNACK-PE4037_16 Datasheet
342Kb / 3P
SMA Male Connector Solder Attachment
PE4112 PASTERNACK-PE4112_16 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE4215 PASTERNACK-PE4215_16 Datasheet
352Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4332 PASTERNACK-PE4332_16 Datasheet
365Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4398 PASTERNACK-PE4398_16 Datasheet
398Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4401 PASTERNACK-PE4401_16 Datasheet
353Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4402 PASTERNACK-PE4402_16 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE4525 PASTERNACK-PE4525_16 Datasheet
347Kb / 3P
SMA Male Connector Solder Attachment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com