Electronic Components Datasheet Search
  English  ▼

X  

PE4036 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE4036
Description  SMA Male Connector Solder Attachment
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4036 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE4036 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE4036 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SMA Male Connector Solder Attachment for RG174, RG316, RG188, LMR-100, PE-B100, PE-C100, 0.100 inch from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment for RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch PE4036
URL: https://www.pasternack.com/sma-male-standard-rg174-rg316-rg188-connector-pe4036-p.aspx
PE4036 REV 1.4
RF Connectors Technical Data Sheet
PE4036
SMA Male Connector Solder Attachment for RG174, RG316,
RG188, LMR-100, PE-B100, PE-C100, 0.100 inch



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com