Electronic Components Datasheet Search
  English  ▼

X  

COPC912C Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPC912C
Description  COP912C/COP912CH 8-Bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPC912C Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COPC912C Datasheet HTML 3Page - National Semiconductor (TI) COPC912C Datasheet HTML 4Page - National Semiconductor (TI) COPC912C Datasheet HTML 5Page - National Semiconductor (TI) COPC912C Datasheet HTML 6Page - National Semiconductor (TI) COPC912C Datasheet HTML 7Page - National Semiconductor (TI) COPC912C Datasheet HTML 8Page - National Semiconductor (TI) COPC912C Datasheet HTML 9Page - National Semiconductor (TI) COPC912C Datasheet HTML 10Page - National Semiconductor (TI) COPC912C Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Functional Description (Continued)
MICROWIREPLUS
MICROWIREPLUS is a serial synchronous communica-
tions interface The MICROWIREPLUS capability enables
the device to interface with any of National Semiconductor’s
MICROWIRE peripherals (ie AD converters display driv-
ers EEPROMS etc) and with other microcontrollers which
support the MICROWIRE interface It consists of an 8-bit
serial shift register (SIO) with serial data input (SI) serial
data output (SO) and serial shift clock (SK)
Figure 5 shows
a block diagram of the MICROWIRE logic
The shift clock can be derived from either the internal
source
or
from
an
external
source
Operating
the
MICROWIRE arrangement with the internal clock source is
called the Master mode of operation Similarly operating
the MICROWIRE arrangement with an external shift clock is
called the Slave mode of operation
The CNTRL register is used to configure and control the
MICROWIRE mode To use the MICROWIRE the MSEL bit
in the CNTRL register is set to one The SK clock rate is
selected by the two bits SL0 and SL1 in the CNTRL regis-
ter
The following table details the different clock rates that may
be selected
SK Divide Clock Rates
SL1
SL0
SK
0
0
2xtc
0
1
4xtc
1
x
8xtc
Where tc is the instruction cycle clock
MICROWIREPLUS OPERATION
Setting the BUSY bit in the PSW register causes the MI-
CROWIREPLUS to start shifting the data It gets reset
when eight data bits have been shifted The user may reset
the BUSY bit by software to allow less than 8 bits to shift
The device may enter the MICROWIREPLUS mode either
as a Master or as a Slave
Figure 5 shows how two micro-
controllers and several peripherals may be interconnected
using the MICROWIREPLUS arrangement
TLDD12060 – 7
FIGURE 5 MICROWIREPLUS Application
http
www nationalcom
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com