Electronic Components Datasheet Search
  English  ▼

X  

COPC912C Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPC912C
Description  COP912C/COP912CH 8-Bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPC912C Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COPC912C Datasheet HTML 1Page - National Semiconductor (TI) COPC912C Datasheet HTML 2Page - National Semiconductor (TI) COPC912C Datasheet HTML 3Page - National Semiconductor (TI) COPC912C Datasheet HTML 4Page - National Semiconductor (TI) COPC912C Datasheet HTML 5Page - National Semiconductor (TI) COPC912C Datasheet HTML 6Page - National Semiconductor (TI) COPC912C Datasheet HTML 7Page - National Semiconductor (TI) COPC912C Datasheet HTML 8Page - National Semiconductor (TI) COPC912C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
60V
Voltage at Any Pin
b
03V to VCC a03V
Total Current into VCC Pin (Source)
80 mA
Total Current out of GND Pin (Sink)
80 mA
Storage Temperature Range
b
65 Cto a150 C
Note
Absolute maximum ratings indicate limits beyond which damage
to the device may occur DC and AC electrical specifications are not
ensured when operating the device at absolute maximum ratings
DC Electrical Characteristics COP912CCOP912CH 0 C s TA s a70 C unless other specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
912C
23
40
V
912CH
40
55
V
Power Supply Ripple 1 (Note 1)
Peak to Peak
01 VCC
V
Supply Current (Note 2)
CKI e 4 MHz
VCC e 55V tc e 25 ms
60
mA
CKI e 4 MHz
VCC e 40V tc e 25 ms
25
mA
HALT Current
VCC e 55V CKI e 0 MHz
k
18
m
A
INPUT LEVELS (VIH VIL)
Reset CKI
Logic High
09 VCC
V
Logic Low
01 VCC
V
All Other Inputs
Logic High
07 VCC
V
Logic Low
02 VCC
V
Hi-Z Input LeakageTRI-STATE Leakage
VCC e 55V
b
2
a
2
m
A
Input Pullup Current
VCC e 55V
250
m
A
G-Port Hysteresis
005 VCC
035 VCC
V
Output Current Levels
Source (Push-Pull Mode)
VCC e 40V VOH e 38V
04
mA
VCC e 23V VOH e 18V
02
mA
Sink (Push-Pull Mode)
VCC e 40V VOL e 10V
40
mA
VCC e 23V VOL e 04V
07
mA
Allowable SinkSource Current Per Pin
3mA
Input Capacitance (Note 3)
7pF
Load Capacitance on D2 (Note 3)
1000
pF
Note 1
Rate of voltage change must be less then 05 Vms
Note 2
Supply current is measured after running 2000 cycles with a square wave CKI input CKO open inputs at rails and outputs open
Note 3
Characterized not tested
TLDD12060 – 2
FIGURE 1 MICROWIREPLUS Timing
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com