Electronic Components Datasheet Search
  English  ▼

X  

DS3142 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS3142
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3142 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS3142 Datasheet HTML 18Page - Dallas Semiconductor DS3142 Datasheet HTML 19Page - Dallas Semiconductor DS3142 Datasheet HTML 20Page - Dallas Semiconductor DS3142 Datasheet HTML 21Page - Dallas Semiconductor DS3142 Datasheet HTML 22Page - Dallas Semiconductor DS3142 Datasheet HTML 23Page - Dallas Semiconductor DS3142 Datasheet HTML 24Page - Dallas Semiconductor DS3142 Datasheet HTML 25Page - Dallas Semiconductor DS3142 Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
22 of 88
7.6 Common and Line Interface Registers
This section describes the registers responsible for top-level configuration, control, and status of each framer,
including resets, clocks, pin controls, and line interface functions.
Table 7-C. Common Line Interface Register Map
ADDR
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
00h
ID
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
01h
MC1
LOTCMC
ZCSD
BIN
MECU
AECU
TUA1
DISABLE
RST
02h
MC2
OSTCS
TCCLK
N/A
N/A
N/A
DLB
LLB
PLB
03h
MC3
TDENMS
TSOFC
TOHENI
TOHI
TSOFI
TICLKI
TDATI
TDENI
04h
MC4
RDENMS
ROOFI
RLOSI
RDATH
RSOFI
ROCLKI
RDATI
RDENI
05h
MC5
RNEGI
RPOSI
RCLKI
TNEGH
TPOSH
TNEGI
TPOSI
TCLKI
06h
ISR1
N/A
N/A
N/A
N/A
INT4
INT3
INT2
INT1
08h
MSR
LORC
LOTC
T3E3
FEAC
HDLC
BERT
COVF
N/A
09h
MSRL
LORCL
LOTCL
N/A
N/A
N/A
N/A
COVFL
OSTL
0Ah
MSRIE
LORCIE
LOTCIE
T3E3IE
FEACIE
HDLCIE
BERTIE
COVFIE
OSTIE
Register Name:
ID
Register Description:
ID Register
Register Address:
00h
Bit #
7
6
5
4
3
2
1
0
Name
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Default
—
—
—
—
—
—
—
—
This register is a global resource and is mapped into address 00h in every framer in the device.
Bits 0 to 7: Device ID (ID[7:0]). Read-only. Contact the factory for details on the meaning of the ID bits.
Register Name:
MC1
Register Description:
Master Configuration Register 1
Register Address:
01h
Bit #
7
6
5
4
3
2
1
0
Name
LOTCMC
ZCSD
BIN
MECU
AECU
TUA1
DISABLE
RST
Default
0
0
0
0
0
1
0
0
Bit 0: Framer Reset (RST). When this bit is set to logic 1, it forces all the internal registers in the framer (except
this RST bit) to their default state. Only the framer associated with this register is reset. RST must be high for a
minimum of 100ns and then returned low. This register bit is logically ORed with the
RST pin.
0 = normal operation
1 = force all internal registers to their default values
Bit 1: Framer Disable (DISABLE). Setting this bit disables the framer by stopping all clocks. This reduces the
power the framer requires. After the framer is enabled again by clearing this bit, the RST bit must be toggled to
initialize the framer again. Toggling the RST bit when DISABLE = 1 automatically enables the framer again.
0 = enable framer
1 = disable framer
Bit 2: Transmit Unframed All Ones (TUA1). Enables the transmission of an unframed all-ones pattern on
TPOS/TNEG or TNRZ. This pattern is sometimes called physical AIS.
0 = disable transmission of unframed all ones
1 = enable transmission of unframed all ones (reset default value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com