Electronic Components Datasheet Search
  English  ▼

X  

AD7265BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7265BCPZ
Description  Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7265BCPZ Datasheet HTML 6Page - Analog Devices AD7265BCPZ Datasheet HTML 7Page - Analog Devices AD7265BCPZ Datasheet HTML 8Page - Analog Devices AD7265BCPZ Datasheet HTML 9Page - Analog Devices AD7265BCPZ Datasheet HTML 10Page - Analog Devices AD7265BCPZ Datasheet HTML 11Page - Analog Devices AD7265BCPZ Datasheet HTML 12Page - Analog Devices AD7265BCPZ Datasheet HTML 13Page - Analog Devices AD7265BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
AD7265
Rev. B | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
SUPPLY RIPPLE FREQUENCY (kHz)
2000
0
200
400
600
800
1000 1200 1400 1600 1800
–60
–70
–80
–90
–100
–110
–120
100mV p-p SINE WAVE ON AVDD
NO DECOUPLING
SINGLE-ENDED MODE
EXTERNAL REFERENCE
INTERNAL REFERENCE
Figure 4. PSRR vs. Supply Ripple Frequency Without Supply Decoupling
NOISE FREQUENCY (kHz)
1000
0
100
200
300
400
500
600
800
700
900
–50
–55
–60
–65
–70
–75
–90
–95
–80
–85
–100
VDD = 5V
Figure 5. Channel-to-Channel Isolation
INPUT FREQUENCY (kHz)
1000
0
500
74
72
68
70
66
VDD = 5V
DIFFERENTIAL MODE
VDD = 3V
DIFFERENTIAL MODE
RANGE = 0 TO VREF
Figure 6. SINAD vs. Analog Input Frequency for Various Supply Voltages
FREQUENCY (kHz)
500
0
50
100
150
200
250
300
350
400
450
–10
–30
–50
–70
–90
–110
4096 POINT FFT
VDD = 5V, VDRIVE = 3V
FSAMPLE = 1MSPS
FIN = 26kHz
SINAD = 71.4dB
THD = –84.42dB
DIFFERENTIAL MODE
Figure 7. FFT
CODE
4000
0
1000
2000
3000
3500
500
1500
2500
1.0
0.6
0.8
0.2
0.4
–0.2
0
–0.6
–0.8
–0.4
–1.0
VDD = 5V, VDRIVE = 3V
DIFFERENTIAL MODE
Figure 8. Typical DNL
CODE
4000
0
500
1000
1500
2000
2500
3000
3500
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VDD = 5V, VDRIVE = 3V
DIFFERENTIAL MODE
Figure 9. Typical INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com