Electronic Components Datasheet Search
  English  ▼

X  

HA16141FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA16141FP
Description  PFC and PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16141FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HA16141FP Datasheet HTML 4Page - Renesas Technology Corp HA16141FP Datasheet HTML 5Page - Renesas Technology Corp HA16141FP Datasheet HTML 6Page - Renesas Technology Corp HA16141FP Datasheet HTML 7Page - Renesas Technology Corp HA16141FP Datasheet HTML 8Page - Renesas Technology Corp HA16141FP Datasheet HTML 9Page - Renesas Technology Corp HA16141FP Datasheet HTML 10Page - Renesas Technology Corp HA16141FP Datasheet HTML 11Page - Renesas Technology Corp HA16141FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
HA16141P/FP, HA16142P/FP
Rev.4, Sep. 2001, page 6 of 6
Electrical Characteristics
(Ta = 25
°C, V
CC = 14 V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Start threshold
V
H
12.2
13.0
13.8
V
Shutdown threshold
V
L
9.4
10.0
10.6
V
UVLO hysteresis
dV
UVL
2.6
3.0
3.4
V
Start-up current
I
S
150
200
300
µA
V
CC = 12V
Is temperature stability
dI
S/dTa
−0.3
%/
°C
*
1
Operating current
I
CC
4
7
9
mA
IAC = 100
µA, C
L = 0F
Latch current
I
LATCH
230
310
375
µA
V
CC = 9V
Shunt zener voltage
V
Z
21.2
22.2
23.2
V
I
CC = 14mA
Supply
Vz temperature stability
dV
Z/dTa
+4
mV/
°C
I
CC = 14mA *
1
Minimum duty cycle
Dmin-pfc
0
%
CAO = 3.6V
Maximum duty cycle
Dmax-pfc
90
95
98
%
CAO = 0V
Rise time
t
r-pfc
30
100
ns
C
L = 1000p
Fall time
t
f-pfc
30
100
ns
C
L = 1000p
Peak current
Ipk-pfc
1.5
A
C
L = 0.01µF *
1
Vol1-pfc
0.05
0.2
V
Iout = 20mA
Vol2-pfc
0.35
1.4
V
Iout = 200mA
Low voltage
Vol3-pfc
0.03
0.7
V
Iout = 10mA, V
CC = 5V
Voh1-pfc
13.5
13.9
V
Iout =
−20mA
PFC-OUT
High voltage
Voh2-pfc
12.6
13.3
V
Iout =
−200mA
Minimum duty cycle
Dmin-pwm
0
%
PWM-EO = 1.3V
PWM-CS = 0V
72
80
88
%
PWM-EO = 5V
PWM-CS = 0V *
2
Maximum duty cycle
Dmax-pwm
42.5
46
49.5
%
PWM-EO = 5V
PWM-CS = 0V *
3
Rise time
t
r-pwm
30
100
ns
C
L = 1000p
Fall time
t
f-pwm
30
100
ns
C
L = 1000p
Peak current
Ipk-pwm
1.0
A
C
L = 0.01µF *
1
Vol1-pwm
0.05
0.2
V
Iout = 20mA
Vol2-pwm
0.5
2.0
V
Iout = 200mA
Low voltage
Vol3-pwm
0.03
0.7
V
Iout = 10mA, V
CC = 5V
Voh1-pwm
13.5
13.9
V
Iout =
−20mA
PWM-OUT
High voltage
Voh2-pwm
12.0
13.0
V
Iout =
−200mA
Output voltage
Vref
4.9
5.0
5.1
V
Isource = 1mA
Line regulation
Vref-line
5
20
mV
Isource = 1mA
V
CC = 12V to 18V
Load regulation
Vref-load
5
20
mV
Isource = 1mA to 20mA
VREF
Temperature stability
dVref
80
ppm/
°C
Ta =
−40 to 105°C *1
Note:
1. Design spec.
2. Apply to HA16141.
3. Apply to HA16142.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com