Electronic Components Datasheet Search
  English  ▼

X  

HA16141FP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA16141FP
Description  PFC and PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16141FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA16141FP Datasheet HTML 5Page - Renesas Technology Corp HA16141FP Datasheet HTML 6Page - Renesas Technology Corp HA16141FP Datasheet HTML 7Page - Renesas Technology Corp HA16141FP Datasheet HTML 8Page - Renesas Technology Corp HA16141FP Datasheet HTML 9Page - Renesas Technology Corp HA16141FP Datasheet HTML 10Page - Renesas Technology Corp HA16141FP Datasheet HTML 11Page - Renesas Technology Corp HA16141FP Datasheet HTML 12Page - Renesas Technology Corp HA16141FP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
HA16141P/FP, HA16142P/FP
Rev.4, Sep. 2001, page 7 of 7
Electrical Characteristics (cont.)
(Ta = 25
°C, V
CC = 14 V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
fpwm
170
200
230
kHz
Measured pin: PWM-OUT
Initial accuracy
fpfc
85
100
115
kHz
Measured pin: PFC-OUT
fpwm temperature
stability
dfpwm/dTa
±0.1
%/
°C
Ta =
−40 to 105°C *1
fpwm voltage stability
fpwm(line)
−1.5
+0.5
+1.5
%
V
CC = 12V to 18V
Ramp peak voltage
Vramp-H
3.4
3.6
V
Oscillator
Ramp valley volatge
Vramp-L
0.65
V
*
1
PFC on voltage
Von-pfc
1.3
1.5
1.7
V
PFC off voltage
Voff-pfc
1.0
1.2
1.4
V
PFC on-off hysteresis
dVon-off
0.15
0.30
0.45
V
PFC-ON
Input current
Ipfc-on
0.1
1.0
µA
PFC-ON = 2V
PFC GOOD
threshold voltage
Vb-good
2.29
2.34
2.39
V
Input pin: PFC-FB
PFC FAIL
threshold voltage
Vb-fail
1.66
1.70
1.74
V
Input pin: PFC-FB
+B High
PFC inhibit voltage
Vb-h
2.69
2.75
2.81
V
Input pin: PFC-FB
+B High
PFC restart voltage
Vb-res
2.54
2.60
2.66
V
Input pin: PFC-FB
PG leak current
Ioff-pg
0.001
1.0
µA
PG = 5V
PG shunt current
Ion-pg
5
15
mA
PG = 3V *2
Supervisor/
PG
Delay to
PG
tg-pg
0.2
1
µs
Step signal (5 to 0V) to
PFC-ON
O.C threshold voltage
V
OC
0.27
0.30
0.33
V
PWM-CS threshold
voltage
V
CS
0.9
1.0
1.1
V
O.C
(Over Current
Detector)
O.C input current
I
OC
−0.1
−1.0
µA
O.C = 0V
Sink current
Isnk-tim
3.9
5.2
6.5
µA
TIM = 2V
Source current
O.C trigger
Isrc-tim1
−16
−21
−26
µA
TIM = 2V, O.C = 0.5V *
1
Source Current
PWM-CS trigger
Isrc-tim2
−25
−33
−41
µA
TIM = 2V, PWM-CS = 2V *
1
Integrated time
O.C trigger
t-tim1
88
110
132
µs
Step signal (0 to 1V) to
O.C, Ctim = 1000p,
Measured pin:
PG
Integrator
Integrated Time
PWM-CS trigger
t-tim2
53
67
81
µs
Step signal (0 to 2V) to
PWM-CS, Ctim = 1000p,
Measured pin:
PG
Notes: 1. Design spec.
2. Maximum rating of PG current is 15 mA. Use series resistor to limit PG current lower than 15
mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com