Electronic Components Datasheet Search
  English  ▼

X  

HA16141FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HA16141FP
Description  PFC and PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16141FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HA16141FP Datasheet HTML 12Page - Renesas Technology Corp HA16141FP Datasheet HTML 13Page - Renesas Technology Corp HA16141FP Datasheet HTML 14Page - Renesas Technology Corp HA16141FP Datasheet HTML 15Page - Renesas Technology Corp HA16141FP Datasheet HTML 16Page - Renesas Technology Corp HA16141FP Datasheet HTML 17Page - Renesas Technology Corp HA16141FP Datasheet HTML 18Page - Renesas Technology Corp HA16141FP Datasheet HTML 19Page - Renesas Technology Corp HA16141FP Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
HA16141P/FP, HA16142P/FP
Rev.4, Sep. 2001, page 17 of 17
Package Dimensions
Hitachi Code
JEDEC
JEITA
Mass (reference value)
DP-16
Conforms
Conforms
1.07 g
19.20
16
9
8
1
1.3
20.00 Max
7.62
0.25
+ 0.13
– 0.05
2.54 ± 0.25
0.48 ± 0.10
0˚ – 15˚
1.11 Max
As of January, 2002
Unit: mm
Hitachi Code
JEDEC
JEITA
Mass (reference value)
FP-16DA
—
Conforms
0.24 g
*Dimension including the plating thickness
Base material dimension
*0.42 ± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70 ± 0.20
0˚ – 8˚
1.15
1.27
0.40 ± 0.06
As of January, 2002
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com